Electronic Components Datasheet Search
  English  ▼

X  

MP4566 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4566
Description  36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4566 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4566 Datasheet HTML 1Page - Monolithic Power Systems MP4566 Datasheet HTML 2Page - Monolithic Power Systems MP4566 Datasheet HTML 3Page - Monolithic Power Systems MP4566 Datasheet HTML 4Page - Monolithic Power Systems MP4566 Datasheet HTML 5Page - Monolithic Power Systems MP4566 Datasheet HTML 6Page - Monolithic Power Systems MP4566 Datasheet HTML 7Page - Monolithic Power Systems MP4566 Datasheet HTML 8Page - Monolithic Power Systems MP4566 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP4566―36V, 1MHz, 0.6A, STEP-DOWN CONVERTER WITH 35μA QUIESCENT CURRENT
MP4566 Rev. 1.01
ww.MonolithicPower.com
3
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VEN = 2V, TA= 25°C, unless otherwise noted.
Parameter
Condition
Min
Typ
Max
Units
Feedback Voltage
4.5V < VIN < 36V
0.97
1.0
1.03
V
Upper Switch On Resistance VBST-VSW=5V
450
mΩ
Upper Switch Leakage
VEN = 0V, VSW = 0V
1
μA
Current Limit
0.8
1.2
1.6
A
VIN UVLO Up Threshold
4.0
4.2
V
VIN UVLO Hysteresis
0.4
V
Soft-start time
FB from 0 to 1.8V
0.5
ms
Oscillator Frequency
800
1000
1200
kHz
Minimum Switch On Time
100
ns
Shutdown Supply Current
VEN < 0.3V
2
5
μA
Supply Quiescent Current
No load, VFB=1.3
35
45
μA
Thermal Shutdown
150
°C
Enable High Threshold
Low-to-High
1.8
V
Enable Low Threshold
High-to-Low
1.15
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com