Electronic Components Datasheet Search
  English  ▼

X  

MP4566 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4566
Description  36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4566 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4566 Datasheet HTML 6Page - Monolithic Power Systems MP4566 Datasheet HTML 7Page - Monolithic Power Systems MP4566 Datasheet HTML 8Page - Monolithic Power Systems MP4566 Datasheet HTML 9Page - Monolithic Power Systems MP4566 Datasheet HTML 10Page - Monolithic Power Systems MP4566 Datasheet HTML 11Page - Monolithic Power Systems MP4566 Datasheet HTML 12Page - Monolithic Power Systems MP4566 Datasheet HTML 13Page - Monolithic Power Systems MP4566 Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP4566―36V, 1MHz, 0.6A, STEP-DOWN CONVERTER WITH 35μA QUIESCENT CURRENT
MP4566 Rev. 1.01
ww.MonolithicPower.com
10
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
As long as VIN is sufficiently higher than SW, the
bootstrap capacitor can be charged. When the
power MOSFET is ON, VIN is about equal to SW
so the bootstrap capacitor cannot be charged.
When the external free wheeling diode is on, VIN
to SW difference is the largest so it is the best
period to charge. When there is no current in the
inductor, SW equals to the output voltage VOUT
so the difference between VIN and VOUT can be
used to charge the bootstrap capacitor.
At higher duty cycle operation condition, the time
period available to the bootstrap charging is less
so the bootstrap capacitor may not be charged
sufficiently.
In case the external circuit has not sufficient
voltage and time to charge the bootstrap
capacitor, extra external circuitry can be used to
ensure the bootstrap voltage in normal operation
region.
The floating driver’s UVLO is not communicated
to the controller.
The DC quiescent current of the floating driver is
about 20uA. Make sure the bleeding current at
SW node is at least higher than this number.
Current Comparator and Current Limit
The power MOSFET current is accurately sensed
via a current sense MOSFET. It is then fed to the
high speed current comparator for the current
mode control purpose. The current comparator
takes this sensed current as one of its inputs.
When the power MOSFET is turned on, the
comparator is first blanked till the end of the turn-
on transition to dodge the noise. Then, the
comparator compares the power switch current
with COMP voltage. When the sensed current is
higher than COMP voltage, the comparator
outputs is low, turning off the power MOSFET.
The maximum current of the internal power
MOSFET is internally limited cycle by cycle.
Startup and Shutdown
If both VIN and EN are higher than their
appropriate thresholds, the chip starts. The
reference block starts first, generating stable
reference voltage and currents and then the
internal regulator is enabled. The regulator
provides stable supply for the rest circuitries.
While the internal supply rail is up, an internal
timer holds the power MOSFET OFF for about
50usec to blank the startup glitches. When the
internal soft-start block is enabled, it first holds its
SS output low to ensure the rest circuitries are
ready and then slowly ramps up.
Three events shut down the chip: EN low, VIN
low,
thermal
shutdown.
In
the
shutdown
procedure, the signaling path is blocked first to
avoid any fault triggering. COMP voltage and the
internal supply rail are pulled down then. The
floating driver is not subject to this shutdown
command but its charging path is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com