Electronic Components Datasheet Search
  English  ▼

X  

MP4566 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4566
Description  36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4566 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4566 Datasheet HTML 1Page - Monolithic Power Systems MP4566 Datasheet HTML 2Page - Monolithic Power Systems MP4566 Datasheet HTML 3Page - Monolithic Power Systems MP4566 Datasheet HTML 4Page - Monolithic Power Systems MP4566 Datasheet HTML 5Page - Monolithic Power Systems MP4566 Datasheet HTML 6Page - Monolithic Power Systems MP4566 Datasheet HTML 7Page - Monolithic Power Systems MP4566 Datasheet HTML 8Page - Monolithic Power Systems MP4566 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP4566―36V, 1MHz, 0.6A, STEP-DOWN CONVERTER WITH 35μA QUIESCENT CURRENT
MP4566 Rev. 1.01
ww.MonolithicPower.com
5
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=12V, VOUT=3.3V, L=3.3μH, COUT=22μF, unless otherwise noted.
Quiescent Current vs.
Input Voltage
EN=2V, VFB=1.1V
Shutdown Current vs.
Input Voltage
EN=0V
Line Regulation
Case Temp. vs.
Load Current
Load Regulation @
VOUT=3.3V
Efficiency vs. Load Current
VOUT=3.3V
20
30
40
50
60
70
80
90
100
0.0001 0.001
0.01
0.1
1
LOAD CURRENT (A)
VIN=6V
VIN=12V
VIN=24V
VIN=36V
0
10
20
30
40
50
60
010
20
30
40
INPUT VOLTAGE (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0
5 10 15 20 25 30 35 40
INPUT VOLTAGE (V)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.0001 0.001
0.01
0.1
1
LOAD CURRENT (A)
VIN=36V
VIN=24V
VIN=6V
VIN=12V
-0.2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
0.2
0
5 10 15 20 25 30 35 40
LINE VOLTAGE (V)
IOUT=0A
IOUT=1A
IOUT=0.25A
IOUT=0.5A
0
2
4
6
8
10
12
14
0
0.2
0.4
0.6
0.8
1
LOAD CURRENT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com