Electronic Components Datasheet Search
  English  ▼

X  

MP4566 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4566
Description  36V, 1MHz, 0.6A Step-Down Converter With 35關A Quiescent Current
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4566 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4566 Datasheet HTML 5Page - Monolithic Power Systems MP4566 Datasheet HTML 6Page - Monolithic Power Systems MP4566 Datasheet HTML 7Page - Monolithic Power Systems MP4566 Datasheet HTML 8Page - Monolithic Power Systems MP4566 Datasheet HTML 9Page - Monolithic Power Systems MP4566 Datasheet HTML 10Page - Monolithic Power Systems MP4566 Datasheet HTML 11Page - Monolithic Power Systems MP4566 Datasheet HTML 12Page - Monolithic Power Systems MP4566 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MP4566―36V, 1MHz, 0.6A, STEP-DOWN CONVERTER WITH 35μA QUIESCENT CURRENT
MP4566 Rev. 1.01
ww.MonolithicPower.com
9
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Error Amplifier
The Error amplifier is composed of an internal
OP-AMP
with
an
R-C
feedback
network
connected between its output node (internal
COMP node) and its negative input node (FB).
When FB is lower than its internal reference
voltage (REF), the COMP output is then driven
higher by the OP-AMP, causing higher switch
peak current output hence more energy delivered
to the output. Vise versus.
When connecting to the FB pin, normally there is
a voltage divider composed of RUP and RDN
where RDN is between FB and GND while RUP is
between the voltage output node and FB. RUP
serves also to control the gain of the error
amplifier along with the internal compensation R-
C network.
Internal Regulator
Most of the internal circuitries are powered on by
the 2.6V internal regulator. This regulator takes
VIN input and operates in the full VIN range.
When VIN is greater than 3.0V, the output of the
regulator is in full regulation. When VIN is lower,
the output degrades.
Enable Control
The MP4566 has a dedicated enable control pin
EN. With high enough VIN, the chip can be
enabled and disabled by EN pin. This is a HIGH
effective logic. Its trailing threshold is a consistent
1.2V. Its rising threshold is about 400mV higher.
When floating, EN pin is internally pulled up high
so the chip is automatically on.
When EN is pulled down to 0V, the chip is put
into the lowest shutdown current mode. When
EN is higher than zero but lower than its rising
threshold, the chip is still in shutdown mode but
the shutdown current increases slightly.
Under Voltage Lockout (UVLO)
VIN
Under
voltage
lockout
(UVLO)
is
implemented to protect the chip from operating at
insufficient supply voltage. The UVLO rising
threshold is about 4.0V while its trailing threshold
is a consistent 3.6V.
Internal Soft-start
Reference type soft-start is implemented to
prevent the converter output voltage from
overshooting during startup. When the chip starts,
the internal circuitry generates a soft-start voltage
(SS) ramping up from 0V at a slow pace set by
the soft-start time. When it is lower than the
internal reference REF, SS overrides the REF so
the error amplifier uses SS instead of REF as the
reference. When SS is higher than REF, REF
gains the control back.
SS is also associated with FB. Though SS can
be much lower than FB, it can only be slightly
higher than FB. If somehow FB is brought down,
SS follows to track FB. This function is designed
to accommodate the short-circuit recovery
situation. When the short circuit is removed, the
SS ramps up as if it is a fresh soft-start process.
This prevents output voltage overshoot.
Thermal Shutdown
Thermal shutdown is implemented to prevent the
chip from thermally running away. When the
silicon die temperature is higher than its upper
threshold, it shuts down the whole chip. When
the temperature is lower than its lower threshold,
thermal shutdown is gone so the chip is enabled
again.
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor.
This floating
driver has its own UVLO protection. This UVLO’s
rising threshold is about 2.4V with a threshold of
about 300mV. During this UVLO, the SS voltage
of the controller is reset to zero. When the UVLO
is removed, the controller follows soft-start
process.
The bootstrap capacitor is charged and regulated
to about 5V by the dedicated internal bootstrap
regulator. When the voltage between BST and
SW nodes is lower than its regulation, a PMOS
pass transistor connected from VIN to BST is
turned on. The charging current path is from VIN,
BST and then to SW. External circuit should
provide enough voltage headroom to facilitate the
charging.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com