Electronic Components Datasheet Search
  English  ▼

X  

MP4700 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4700
Description  High-Brightness, BCM, Low Side Buck White LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4700 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4700 Datasheet HTML 7Page - Monolithic Power Systems MP4700 Datasheet HTML 8Page - Monolithic Power Systems MP4700 Datasheet HTML 9Page - Monolithic Power Systems MP4700 Datasheet HTML 10Page - Monolithic Power Systems MP4700 Datasheet HTML 11Page - Monolithic Power Systems MP4700 Datasheet HTML 12Page - Monolithic Power Systems MP4700 Datasheet HTML 13Page - Monolithic Power Systems MP4700 Datasheet HTML 14Page - Monolithic Power Systems MP4700 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP4700 – HIGH-BRIGHTNESS BCM, LOW SIDE BUCK WLED DRIVE WLED DRIVER
MP4700 Rev. 1.0
www.MonolithicPower.com
11
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Hiccup Output-Short Protection
If the entire LED string is shorted, VOUT is zero.
Due to the minimal on time limit, the inductor
current will be out of regulation. The MP4700
can detect this failure and shut down for about
2.8ms, and then re-tries the operation. This
hiccup protection can eliminate thermal issues
due to a short-circuit current, and also maintain
normal operation if the protection is mis-
triggered.
Input-Bus
-Voltage Under-Voltage Lockout
(UVLO) Protection
The MP4700 implements UVLO protection for
the input bus voltage. The INUV pin senses the
input bus voltage through a voltage divider. The
IC is locked out until the input bus voltage rises
so that the INUV voltage pin exceeds its UVLO
threshold. This UVLO function protects against
a low input bus voltage. For best results, set the
input bus voltage UVLO point over 1.1 times the
output LED voltage.
Set the input bus UVLO as follows:
INUV _ H
Bus
UVLO
INUV _ L
INUV _ th
R
V_
1
RV

Where VINUV_th=1.2V is the INUV pin threshold
voltage.
VCC Under-Voltage Lockout (UVLO)
Protection
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The UVLO rising threshold is about 7.4V while
its falling threshold is a consistent 6.4V.
Thermal Shutdown Protection
An accurate temperature protection prevents
the chip from operating at exceedingly high
temperatures. When the silicon die temperature
exceeds its upper threshold, it shuts down the
whole chip. When the temperature drops below
its lower threshold, the chip is enabled again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com