Electronic Components Datasheet Search
  English  ▼

X  

MP4700 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4700
Description  High-Brightness, BCM, Low Side Buck White LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4700 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4700 Datasheet HTML 11Page - Monolithic Power Systems MP4700 Datasheet HTML 12Page - Monolithic Power Systems MP4700 Datasheet HTML 13Page - Monolithic Power Systems MP4700 Datasheet HTML 14Page - Monolithic Power Systems MP4700 Datasheet HTML 15Page - Monolithic Power Systems MP4700 Datasheet HTML 16Page - Monolithic Power Systems MP4700 Datasheet HTML 17Page - Monolithic Power Systems MP4700 Datasheet HTML 18Page - Monolithic Power Systems MP4700 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP4700 – HIGH-BRIGHTNESS BCM, LOW SIDE BUCK WLED DRIVE WLED DRIVER
MP4700 Rev. 1.0
www.MonolithicPower.com
17
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
System Performance
LED Driver Stage Efficiency
System Efficiency
Analog Dimming Curve
VSW
100V/div.
VLED+
100V/div.
VCS
500mV/div.
IL
500mA/div.
VSW
100V/div.
VLED+
100V/div.
VCS
200mV/div.
IL
500mA/div.
VPWM
2V/div.
VLED+
100V/div.
VLED-
100V/div.
ILED
200mA/div.
VCS
200mV/div.
VSW
100V/div.
VADIM
2V/div.
ILED
200mA/div.
Steady State
Startup
Analog Dimming
BUS VOLTAGE (V)
INPUT AC LINE VOLTAGE (V)
PWM DIMMING DUTY(%)
VADIM (V)
96.4
96.6
96.8
97.0
97.2
97.4
97.6
97.8
98.0
98.2
98.4
250
260
270
280
290
300
86.5
87
87.5
88
88.5
89
100
140
180
220
260 280
0
50
100
150
200
250
300
0
20
40
60
80
100
0
50
100
150
200
250
300
0
20
40
60
80
100
0
50
100
150
200
250
300
0
0.5 1
1.5
2
2.5 3 3.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com