Electronic Components Datasheet Search
  English  ▼

X  

MP4700 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP4700
Description  High-Brightness, BCM, Low Side Buck White LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4700 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP4700 Datasheet HTML 8Page - Monolithic Power Systems MP4700 Datasheet HTML 9Page - Monolithic Power Systems MP4700 Datasheet HTML 10Page - Monolithic Power Systems MP4700 Datasheet HTML 11Page - Monolithic Power Systems MP4700 Datasheet HTML 12Page - Monolithic Power Systems MP4700 Datasheet HTML 13Page - Monolithic Power Systems MP4700 Datasheet HTML 14Page - Monolithic Power Systems MP4700 Datasheet HTML 15Page - Monolithic Power Systems MP4700 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP4700 – HIGH-BRIGHTNESS BCM, LOW SIDE BUCK WLED DRIVE WLED DRIVER
MP4700 Rev. 1.0
www.MonolithicPower.com
12
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
DESIGN EXAMPLE
TV LED Backlighting
The design example introduces an MP4700-
based high-performance TV LED backlighting
solution. Figure 2 shows the structure of this
total system solution—Flyback+MP4700 low-
side buck for single-string TV LED backlight.
The flyback converts the AC input line voltage
to the system output supply voltage 13V/2A,
and also outputs a DC bus voltage (around
280V) to the LED driver. The flyback is based
on the MPS quasi-resonant flyback controller,
HFC0100. The MP4700 acts as the LED driver
stage as a boundary conduction mode (BCM)
low-side buck.
Figure 2: Power System Structure
Specifications:
Description
Parameter
Units
Input voltage
110 to 265
VAC
Input frequency
50
Hz
Output DC Bus voltage
13.4
V
Output DC Bus current
2
A
LED Voltage
210
V
LED Current
250
mA
Protection: short LED protection, open LED
protection and 13V over-voltage protection.
Schematics:
Figure 3 and Figure 4 show the schematics of
the HFC0100 flyback stage and the MP4700
LED driver stage. The parameters of the power
transformer T2 are as follow:
Turn ratio:
Np:Nbus1:Nbus2:N13V:NAu=45:51:51:5:10
Primary inductance: Lp=360μH.
In this application example, the bus voltage
uses 2 windings. Each winding outputs half of
the bus voltage (140V) after the rectifier,
dividing the voltage stress across each rectifier
diode. The reduced stress allows for the use of
800V diodes.
Both the 13V voltage and the 280V bus voltage
feed back to the flyback control circuit, which
decreases the influence of the cross regulation.
The 13V system voltage also supplies the
MP4700.
The following describes the design of the
MP4700 LED driver. The design procedure for
the HFC0100 flyback is not described here, but
rather in the HFC0100 design materials.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com