Electronic Components Datasheet Search
  English  ▼

X  

MP4700 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP4700
Description  High-Brightness, BCM, Low Side Buck White LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4700 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP4700 Datasheet HTML 9Page - Monolithic Power Systems MP4700 Datasheet HTML 10Page - Monolithic Power Systems MP4700 Datasheet HTML 11Page - Monolithic Power Systems MP4700 Datasheet HTML 12Page - Monolithic Power Systems MP4700 Datasheet HTML 13Page - Monolithic Power Systems MP4700 Datasheet HTML 14Page - Monolithic Power Systems MP4700 Datasheet HTML 15Page - Monolithic Power Systems MP4700 Datasheet HTML 16Page - Monolithic Power Systems MP4700 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP4700 – HIGH-BRIGHTNESS BCM, LOW SIDE BUCK WLED DRIVE WLED DRIVER
MP4700 Rev. 1.0
www.MonolithicPower.com
13
10/29/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PGND
PGND
PGND
200/1206
R17
402k
R35
5A/250V
F1
12mH
LX2
20k
R26
5.11k
R29
33pF
C22
NS
R20
FR107
D7
4.7nF/1kV
C7
150k
R7
150k
R8
91k
R27
C20
V40120C
D9
470pF/100V
C13
200/1206
R16
C19
L2
NC
R39
23.7k/1%
R25
300m/1%
R33
NS
R34
220pF
C24
1.5nF/400V
CY1
C21
8.2nF
C23
5.1 Ohms
RT1
C15
33pF
C25
51k
R21
C16
C17
10
R24
V700C
Q3
2k
R28
PC817A
U2
BAV21
D8
CN1
TVR10431
VA1
CX1
CX2
1M
R4
1M
R12
1M
R5
1M
R13
12mH
LX1
220pF/400V
CY6
220pF/400V
CY4
1nF/400V
CY8
1nF/400V
CY3
1nF/400V
CY5
1nF/400V
CY7
GND
7
Vcc
2
FB
8
DRV
5
CS
6
Demag 1
NA
3
HV
4
U1
C14
C11
C12
1.5nF/400V
CY2
5A/250V
F2
D5
PG5406
D10
PG5406
D6
PG5406
D11
PG5406
HER208
D2
10k
R19
C18
C2
NC
C3
C4
L1
1M/1%
R10
374k/1%
R15
6.81k/1%
R30
Q5
2N7002
8.2k/1%
R38
10k
R23
47k
R31
68k
R37
Q4
Q1
Q6
10k
R32
10k
R40
C26
C27
D13
1N4148/SOD-123
510
R22
510
R36
30k/2W
R3
10k
R14
C8
510
R11
100nF/400V
C5
AGND
AGND
AGND
TL431K
U3
ON/OFF
PWM
PS_ON
280V
GND
SS8050
Q2
13V
D12
1k
R18
NC
D1
2k/1206
R2
2k/1206
R1
22pF/1000V
C1
4
1
6
5
7
10
12
8
9
11
Primary
Output
Feedback
Output
Output
T1
12
9
6
3
11
8
10
5
7
2
4
1
CN2
13V
HER208
D3
NC
D4
AGND
2k/1206
R9
22pF/1000V
C6
2k/1206
R6
C10
NC
C9
275V
1206 1206
1206 1206
275V
1000V/1A
1206
200V/0.2A
1206
1206
800V/2A
800V/2A
120V/40A
ADIM
Figure 3: HFC0100 Flyback Schematic
C28
LED_N
LED_P
STD3NK60ZT4
Q7
10pF/630V
C30
LED_N
L3
WEGP30G/400V/3A
D15
AGND
Option for Open Protection
C32
R43
R41
20k
R46
2k
R45
1nF
C31
1nF
C29
AGND
AGND
280V
1N4148W
D16
2k
R44
ON/OFF
PWM
C33
AGND
13V
R48
R49
2k
R47
Q8
FMMT558TA/SOT23
300k
R42
R51
30k
R52
10k
R54
AGND
Q10
10k
R53
1nF
C34
R41X
-400V
1206
1206
0805
2k
R55
ADIM
INUV
1
PWM
2
GND
3
VIN
4
VCC 5
TST
6
ORV 7
CS
8
U2
MP4700
Figure 4: MP4700 Low-Side Buck LED Driver Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com