Electronic Components Datasheet Search
  English  ▼

X  

MP5011 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5011
Description  12V, 5A Switch with Programmable Current Limit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5011 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5011 Datasheet HTML 1Page - Monolithic Power Systems MP5011 Datasheet HTML 2Page - Monolithic Power Systems MP5011 Datasheet HTML 3Page - Monolithic Power Systems MP5011 Datasheet HTML 4Page - Monolithic Power Systems MP5011 Datasheet HTML 5Page - Monolithic Power Systems MP5011 Datasheet HTML 6Page - Monolithic Power Systems MP5011 Datasheet HTML 7Page - Monolithic Power Systems MP5011 Datasheet HTML 8Page - Monolithic Power Systems MP5011 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP5011 – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5011 Rev. 1.01
www.MonolithicPower.com
3
11/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 12V, RLIMIT=15.4Ω, Capacitive Load = 100μF, TA=25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Power FET
Delay Time
tDLY
Enabling of chip to ID=100mA
with a 1A resistive load
0.1
0.15
0.2
ms
ON Resistance
(5)
RDSon
TJ=25°C
44
55
m
Ω
TJ=80°C
52
Off-State Output Voltage
VOFF
VCC=18Vdc, VENABLE=0Vdc,
RL= 500Ω
120
mV
Continuous Current
ID
0.5 in
2 pad,
4.2
A
Minimum Copper, TA=80°C
2.3
Thermal Latch
Shutdown Temperature
(5)
TSD
150
175
200
°C
Under/Over-Voltage Protection
Output Clamping Voltage
VCLAMP
Overvoltage Protection
VCC=17V
13.8
15
16.2
V
Under-Voltage Lockout
VUVLO
Turn on,
Voltage going high
7.7
8.5
9.3
V
Under-Voltage Lockout Hysteresis
VHYST
0.80
V
Current Limit
Hold Current
(5)
ILIM-SS
RLIM=15.4Ω
3.8
4.5
5.2
A
Trip Current
ILIM-OL
RLIM=15.4Ω,
5.3
A
dv/dt Circuit
Rise Time
(6)
tr
Float dv/dt pin
0.8
1.4
2.0
ms
Enable/Fault
Low Level Input Voltage
VIL
Output Disabled
0.5
V
Intermediate-Level Input Voltage
VI (INT)
Thermal Fault, Output
Disabled
0.82
1.4
1.95
V
High-Level Input Voltage
VIH
Output Enabled
2.5
V
High-State Maximum Voltage
VI (MAX)
4.8
V
Low-Level Input Current (Sink)
IIL
VENABLE=0V
-28
-50
μA
Maximum Fanout for Fault Signal
Total number of chips that can
be connected for simultaneous
shutdown
3
Units
Maximum Voltage on Enable/Fault
Pin
(7)
VMAX
VCC
V
Total Device
Bias Current
IBIAS
Device Operational
1.5
2.0
mA
Thermal Shutdown
0.4
Minimum Operating Voltage for
UVLO
VMIN
Enable<0.5V
5
V
Notes:
5) Guaranteed by design.
6) Measured from 10% to 90%.
7) Maximum Input Voltage on Enable pin to be
≤ 6.0V if Vcc ≥ 6.0V, Maximum Input Voltage on Enable pin to be Vcc if Vcc ≤ 6.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com