Electronic Components Datasheet Search
  English  ▼

X  

MP5011 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5011
Description  12V, 5A Switch with Programmable Current Limit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5011 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5011 Datasheet HTML 4Page - Monolithic Power Systems MP5011 Datasheet HTML 5Page - Monolithic Power Systems MP5011 Datasheet HTML 6Page - Monolithic Power Systems MP5011 Datasheet HTML 7Page - Monolithic Power Systems MP5011 Datasheet HTML 8Page - Monolithic Power Systems MP5011 Datasheet HTML 9Page - Monolithic Power Systems MP5011 Datasheet HTML 10Page - Monolithic Power Systems MP5011 Datasheet HTML 11Page - Monolithic Power Systems MP5011 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP5011 – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5011 Rev. 1.01
www.MonolithicPower.com
10
11/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
When the Enable/Fault pin is an output:
1.
The pull-up current (if not overridden)
allows for
a “wired NOR” pull up to enable
the part.
2.
An under-voltage causes a low on the
Enable/Fault pin, and clears the fault flag.
A thermal fault causes a mid level on the
Enable/Fault pin, and sets the fault flag.
The Enable/Fault line must be above the mid
level for the output to be turned on.
The fault flag is an internal flip-flop that can be
set or reset under various conditions:
1.
Thermal Shutdown: set fault flag
2.
Under-Voltage: reset fault flag
3.
Low Voltage on Enable/Fault Pin: reset
fault flag
4.
Mid Voltage on Enable/Fault Pin: no
effect
Under a fault, the Enable/Fault pin goes to the
mid level.
There are four types of faults, and each fault has
a direct and indirect effect on the Enable/Fault
pin and the internal fault flag.
In a typical application there are one or more
MP5011 chips in a system. Typically, tie the
Enable/Fault lines together.
Table 3: Fault Function Influence in Application
Fault description
Internal action
Effect on Fault
Pin
Effect on
Flag
Effect on secondary Part
Short/Over Current
Limit current
none
None
none
Under-Voltage
Output turns off
Internally drives
Enable/Fault pin
to Logic low
Flag resets
Secondary part output
disabled, and fault flag
resets.
Over-Voltage
Limit output voltage
None
None
None
Thermal Shutdown
Shutdown part. The
part is latched off until
a UVLO or externally
driven to ground.
Internally drives
Enable/Fault pin
to mid level
Flag sets
Secondary-part output
disabled.
Under-Voltage Lockout Operation
If the supply (input) is below the UVLO threshold,
the output is disabled, and the fault line is driven
low.
When
the
supply
goes
above
the
UVLO
threshold, the output is enabled and the fault line
releases. When the fault line releases, a 25µA
current source pulls it high without the need for
an external pull up resistor. The pull-up voltage
has a 5V limit.
Thermal Protection
In the presence of a thermal protection fault, the
output is disabled and the fault line is driven to
the
mid
level.
The
thermal
fault
condition
latches
—the fault flag is set—and the part
remains latched off until the fault (enable) line
goes low. Cycling the power below the UVLO
threshold also resets the fault flag.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com