Electronic Components Datasheet Search
  English  ▼

X  

MP5011 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5011
Description  12V, 5A Switch with Programmable Current Limit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5011 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5011 Datasheet HTML 1Page - Monolithic Power Systems MP5011 Datasheet HTML 2Page - Monolithic Power Systems MP5011 Datasheet HTML 3Page - Monolithic Power Systems MP5011 Datasheet HTML 4Page - Monolithic Power Systems MP5011 Datasheet HTML 5Page - Monolithic Power Systems MP5011 Datasheet HTML 6Page - Monolithic Power Systems MP5011 Datasheet HTML 7Page - Monolithic Power Systems MP5011 Datasheet HTML 8Page - Monolithic Power Systems MP5011 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MP5011 – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5011 Rev. 1.01
www.MonolithicPower.com
4
11/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
GND
Negative Input Voltage to the Device. This is used as the internal reference for
the IC.
2
dv/dt
Slew Rate control. The internal dv/dt circuit controls the slew rate of the output
voltage at turn-on. An internal capacitor allows the voltage to ramp up over
1.4ms. Use an external capacitor to increase the ramp time. If an additional time
delay is not required, leave this pin open.
3
Enable/Fault
The Enable/Fault pin. A tri-state, bi-directional interface. It enables the output of
the device when left floating, or disables the device when pulled to ground using
an open-drain or open-collector device. In the event of a thermal fault, the
voltage enters an intermediate state to signal a monitoring circuit that the device
is in thermal shutdown. See text:
“ENABLE/FAULT PIN”.
4
I-Limit
Overload and Short-Circuit Current Set. Use a resistor between this pin and the
Source pin to set the overload and short-circuit current limit levels.
5
NC
DO NOT CONNECT. Pin must be left floating.
6-10
SOURCE
Output. This pin is the source of the internal power FET and the output terminal
of the IC.
Exposed Pad
VCC
Positive Input Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com