Electronic Components Datasheet Search
  English  ▼

X  

MP5011 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5011
Description  12V, 5A Switch with Programmable Current Limit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5011 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5011 Datasheet HTML 4Page - Monolithic Power Systems MP5011 Datasheet HTML 5Page - Monolithic Power Systems MP5011 Datasheet HTML 6Page - Monolithic Power Systems MP5011 Datasheet HTML 7Page - Monolithic Power Systems MP5011 Datasheet HTML 8Page - Monolithic Power Systems MP5011 Datasheet HTML 9Page - Monolithic Power Systems MP5011 Datasheet HTML 10Page - Monolithic Power Systems MP5011 Datasheet HTML 11Page - Monolithic Power Systems MP5011 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MP5011 – 12V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5011 Rev. 1.01
www.MonolithicPower.com
9
11/8/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
Current Limit
The current limit is a function of the external
current limit resistor.
Table 1: Current Limit vs. Current Limit Resistor
(VCC=12V)
Current Limit Resistor (
Ω)
15.4
50
100
Trip Current (A)
5.3
3.4
2.8
Hold Current (A)
4.5
2.1
1.2
If a short is present or the load reaches the trip
current
—the minimum threshold current to trigger
over-current protection (OCP)
—when the part is
active, the part switches into to a constant-
current (hold) mode (CCM). The device shuts
down only if the over-current condition remains
for long enough to trigger thermal protection.
However, when the part is powered up by VCC or
EN, the load current should be smaller than the
current. Otherwise, the part will not completely
turn on.
In a typical application using a current limit
resistor of 15.4
Ω, the trip current is 5.3A and the
hold current is 4.5A. If the device is in its normal
operating state and passing 2.0A it will need to
dissipate only 176mW with a very low ON
resistance of 44
mΩ. For a package dissipation of
50°C/Watt, the temperature rise will only be +9°C;
with 25°C ambient temperature, this amounts to
a total package temperature of 34°C.
In the case of a short-circuit condition, the device
now has 12V across it and the hold current
clamps at 4.5A and therefore must dissipate 44W.
At 50°C/watt, the temperature rises above the
MP5011
thermal
protection
(175°C)
if
left
unchecked and device shutdown allows the
temperature to drop below a hysteresis level.
Use an appropriate heat sink if the device is
intended to supply the hold current and not
shutdown. Without a heat sink, maintain the hold
current below 250mA at 25°C and below 150mA
at 85°C to prevent the device from activating the
thermal shutdown feature.
Figure 2
Rise Time
The rise time is a function of the capacitor (Cdv/dt)
on the dv/dt pin.
Table 2: Rise Time vs. Cdv/dt
Cdv/dt
None
33pF
470pF
1nF
Rise Time
(
Typ) (ms)
1.4
2.0
11.6
22.5
* Notes: Rise Time = K
RT*(50pF+Cdv/dt), KRT =22E6
The rise time is measured by from 10% to 90% of
output voltage.
Figure 3
Enable / Fault Pin
The Enable/Fault pin is a bi-directional, three-
level I/O with a weak pull-up current (typically
25µA). There are three levels: low, mid, and high.
It enables/disables the part and relays fault
information.
When the Enable/Fault pin is an input:
1.
Low and mid levels disable the part.
2.
Low clears the fault flag in addition to
disabling the part.
3.
High enables the part (if the fault flag is
clear).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com