Electronic Components Datasheet Search
  English  ▼

X  

MP6903 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP6903
Description  Fast Turn-off Intelligent Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6903 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP6903 Datasheet HTML 2Page - Monolithic Power Systems MP6903 Datasheet HTML 3Page - Monolithic Power Systems MP6903 Datasheet HTML 4Page - Monolithic Power Systems MP6903 Datasheet HTML 5Page - Monolithic Power Systems MP6903 Datasheet HTML 6Page - Monolithic Power Systems MP6903 Datasheet HTML 7Page - Monolithic Power Systems MP6903 Datasheet HTML 8Page - Monolithic Power Systems MP6903 Datasheet HTML 9Page - Monolithic Power Systems MP6903 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP6903- FAST TURN-OFF INTELLIGENT CONTROLLER
MP6903 Rev. 1.04
www.MonolithicPower.com
6
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VDD = 12V, unless otherwise noted.
Turn Off Delay vs.
Temperature
CLOAD=5nF
Turn Off Delay vs.
Temperature
CLOAD=10nF
Turn-off Threshold(5)
vs. Temperature
Minimum On Time vs.
Temperature
Turn On Delay vs.
Temperature
CLOAD=10nF
0
200
400
600
800
1,000
1,200
1,400
-50
0
50
100
150
0
10
20
30
40
50
60
70
80
90
-50
0
50
100
150
0
10
20
30
40
50
60
70
80
90
-50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1.0
-50
0
50
100
150
1.5
1.6
1.7
1.8
1.9
2
-50
0
50
100
150
0
10
20
30
40
50
60
-50
0
50
100
150
VDS
20V/div
VG
5V/div
ISR
10A/div
Operation in LLC Resonant
Converter
VIN=250V, VOUT=12V, IOUT=15A
DCM
Operation in LLC Resonant
Converter
VIN=263V, VOUT=12V, IOUT=15A
CRCM
VDS
20V/div
VG
5V/div
ISR
10A/div
Operation in LLC Resonant
Converter
VIN=280V, VOUT=12V, IOUT=15A
CCM
VDS
20V/div
VG
5V/div
ISR
10A/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com