Electronic Components Datasheet Search
  English  ▼

X  

MP6903 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP6903
Description  Fast Turn-off Intelligent Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6903 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP6903 Datasheet HTML 2Page - Monolithic Power Systems MP6903 Datasheet HTML 3Page - Monolithic Power Systems MP6903 Datasheet HTML 4Page - Monolithic Power Systems MP6903 Datasheet HTML 5Page - Monolithic Power Systems MP6903 Datasheet HTML 6Page - Monolithic Power Systems MP6903 Datasheet HTML 7Page - Monolithic Power Systems MP6903 Datasheet HTML 8Page - Monolithic Power Systems MP6903 Datasheet HTML 9Page - Monolithic Power Systems MP6903 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MP6903- FAST TURN-OFF INTELLIGENT CONTROLLER
MP6903 Rev. 1.04
www.MonolithicPower.com
9
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Light-Load Latch-Off Function
The gate driver of MP6903 is latched to save the
driver loss at light-load condition to improve
efficiency. See Figure5, when the synchronous
MOSFET’s conducting period keeps lower than
light load timing (TLL) for longer than the light-
load-enter delay (TLL-Delay), MP6903 enters light-
load mode and latches off the gate driver. Here
the synchronous MOSFET’s conducting period is
from turn on of the gate driver to the moment
when VGS drops to below 1V (VLL_GS).
Secondary Side Current
Normal Mode
Light Load Mode
tLL
tLL
tLL
TLL-dELAY
Figure 5: MP6903 Enters Light Load Mode
During light-load mode, MP6903 monitors the
synchronous MOSFET’s body diode conducting
period by sensing the time duration of the VDS
below -250mV(VLL_DS). If it is longer than TLL+TLL-
H (TLL-H, light-load-enter pulse width hysteresis),
the light-load mode is finished and gate driver of
MP6903 is unlatched to restart the synchronous
rectification, see Figure6.
For MP6903, the light load enter timing (TLL) is
programmable by connecting a resistor (RLL) on
LL pin, by monitoring the LL pin current (the LL
pin voltage keeps at ~2V internally), TLL is set as
following (a 1nF capacitor is recommended to
decouple the noise on this pin):
LL
LL
2.2us
TR (k )
100k
 
Figure 6: MP6903 Exits Light Load Mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com