Electronic Components Datasheet Search
  English  ▼

X  

MP6903 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP6903
Description  Fast Turn-off Intelligent Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6903 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP6903 Datasheet HTML 2Page - Monolithic Power Systems MP6903 Datasheet HTML 3Page - Monolithic Power Systems MP6903 Datasheet HTML 4Page - Monolithic Power Systems MP6903 Datasheet HTML 5Page - Monolithic Power Systems MP6903 Datasheet HTML 6Page - Monolithic Power Systems MP6903 Datasheet HTML 7Page - Monolithic Power Systems MP6903 Datasheet HTML 8Page - Monolithic Power Systems MP6903 Datasheet HTML 9Page - Monolithic Power Systems MP6903 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP6903- FAST TURN-OFF INTELLIGENT CONTROLLER
MP6903 Rev. 1.04
www.MonolithicPower.com
8
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Thermal shutdown
If the junction temperature of the chip exceeds
180°C, the VG will be pulled low and the part
stops switching. The part will resume normal
function after the junction temperature has
dropped to 150°C.
Turn-On Phase
When the synchronous MOSFET is on, current
flows through its body diode and generates a
negative VDS. This body diode voltage drop (< -
500mV) is much smaller than the turn-on
threshold of the control circuitry (-70mV), which
then pulls the gate driver voltage high to turn on
the synchronous MOSFET after about 250ns
turn-on delay (shown in Figure 2).
When the turn-on delay ends, turn-on starts with
a blanking time (minimum on-time: ~0.8µs), and
the turn-off threshold changes from +30mV to
+100mV. This blanking time helps to avoid errors
around the turn-off threshold caused by turn-on
ringing of the synchronous MOSFET.
Figure 2: Turn On/Off Timing Diagram
Conducting Phase
When the synchronous MOSFET turns on, VDS
rises according to the MOSFET’s ON resistance.
When VDS rises above the turn-on threshold (-
70mV), the control circuitry stops pulling up the
gate driver, so the gate voltage is pulled down by
the internal pull-down resistance (10kΩ) and
leakage to increase the ON resistance of the
synchronous MOSFET, which to limit the VDS
slew rate, stabilizes VDS to around -70mV even
when the current through the MOSFET is fairly
small. This function limits the driver voltage when
the synchronous MOSFET is turned off (this
function is still active during turn-on blanking,
which means the gate driver could still be turned-
off even with very small duty cycles of the
synchronous MOSFET).
Turn-Off Phase
When VDS triggers the turn-off threshold (30mV),
the gate voltage is pulled to low after a 20ns turn-
off delay (shown in Figure 2) by the control
circuitry.
Figure
3
shows
synchronous
rectification
operation at heavy load. The gate driver initially
saturates due to the high current. After VDS rises
above -70mV, the gate driver voltage decreases
to adjust the VDS to around -70mV.
Figure
4
shows
synchronous
rectification
operation at light load. The gate driver voltage
never saturates due to the low current, but
decreases as soon as the synchronous MOSFET
turns on and adjusts the VDS.
Figure 3: Synchronous Rectification
Operation at Heavy Load
Figure 4: Synchronous Rectification
Operation at Light Load



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com