Electronic Components Datasheet Search
  English  ▼

X  

MP6903 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6903
Description  Fast Turn-off Intelligent Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6903 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6903 Datasheet HTML 1Page - Monolithic Power Systems MP6903 Datasheet HTML 2Page - Monolithic Power Systems MP6903 Datasheet HTML 3Page - Monolithic Power Systems MP6903 Datasheet HTML 4Page - Monolithic Power Systems MP6903 Datasheet HTML 5Page - Monolithic Power Systems MP6903 Datasheet HTML 6Page - Monolithic Power Systems MP6903 Datasheet HTML 7Page - Monolithic Power Systems MP6903 Datasheet HTML 8Page - Monolithic Power Systems MP6903 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP6903
Fast Turn-off Intelligent Controller
MP6903 Rev. 1.04
www.MonolithicPower.com
1
1/31/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6903 is a low-drop diode emulator that,
combined with an external switch, replaces
Schottky
diodes
in
high-efficiency
LLC
converters. The chip regulates the forward drop
of an external switch to about 70mV and
switches it off as soon as the voltage goes
negative. MP6903 has a light-load sleep mode
that reduces the quiescent current to < 300µA.
FEATURES
 Works with Standard and Logic-Level FETS
 Compatible with Energy Star, 1W Standby
Requirements
 VDD Range from 8V to 24V
 Fast Turn-Off: Total Delay of 20ns
 Max 400kHz Switching Frequency
 <300µA Quiescent Current in Light Load
Mode
 Supports DCM, CCM and CrCM Operation
 Supports High-Side and Low-Side
Rectification
 Power Savings of Up to 1.5W for a Typical
Notebook Adapter
APPLICATIONS
 Industrial Power Systems
 Distributed Power Systems
 Battery Powered Systems
 LLC Converters
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
R1
Q2
Output
8
MP6903
PGND
EN
LL
VD
VG
NC
VDD
VSS
7
6
5
4
3
2
1
GND
VG1
VG1
Output
U1
VG2
EN
VG2
8
MP6903
PGND
EN
LL
VD
VG
NC
VDD
VSS
7
6
5
4
3
2
1
U2
C1
C2
R2
R3
C3
C4
R4
Or Left
Open
2.2uF
100k
1nF
100k
1nF
120k
10k
R5
R6
1k
1k
Q1
Qa
Qb
Ls
Cs
Lm
Cin


Similar Part No. - MP6903

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6903DS MPS-MP6903DS Datasheet
186Kb / 4P
High Efficiency Synchronous Rectification EV Board
More results

Similar Description - MP6903

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTC1-800F SEMPO-SMTC1-800F Datasheet
57Kb / 1P
Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
Fast Turn-off Thyristor
SMTC1-2000F SEMPO-SMTC1-2000F Datasheet
60Kb / 1P
Fast Turn-off Thyristor
logo
Monolithic Power System...
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6902 MPS-MP6902 Datasheet
423Kb / 12P
Fast Turn-off Intelligent Controller
MP6910 MPS-MP6910 Datasheet
202Kb / 10P
Fast Turn-off Intelligent Rectifier
MP6920 MPS-MP6920 Datasheet
213Kb / 9P
Fast Turn-Off Intelligent Rectifier
MP6922 MPS-MP6922 Datasheet
312Kb / 13P
Dual Fast Turn-off Intelligent Controller
logo
ZHEJIANG HUAJING RECTIF...
KK1500A HUAJING-KK1500A Datasheet
206Kb / 3P
Fast Turn-off Thyhristor
KK2000A HUAJING-KK2000A Datasheet
223Kb / 3P
Fast Turn-off Thyhristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com