Electronic Components Datasheet Search
  English  ▼

X  

MP6922 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6922
Description  Dual Fast Turn-off Intelligent Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6922 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6922 Datasheet HTML 1Page - Monolithic Power Systems MP6922 Datasheet HTML 2Page - Monolithic Power Systems MP6922 Datasheet HTML 3Page - Monolithic Power Systems MP6922 Datasheet HTML 4Page - Monolithic Power Systems MP6922 Datasheet HTML 5Page - Monolithic Power Systems MP6922 Datasheet HTML 6Page - Monolithic Power Systems MP6922 Datasheet HTML 7Page - Monolithic Power Systems MP6922 Datasheet HTML 8Page - Monolithic Power Systems MP6922 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP6922—DUAL FAST TURN-OFF INTELLIGENT CONTROLLER
MP6922 Rev. 1.23
www.MonolithicPower.com
4
9/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
(SOIC8)
Pin #
(SOIC8E)
Pin #
(SOIC14)
Name Description
1
1
2
VG2
FET 2 gate driver output
3
2
3
EN
Enable Pin. When EN pin voltage is larger than EN Shutdown threshold,
the internal logic of the IC is start but the gate driver will be latched until
the EN pin voltage has exceed the EN UVLO threshold
4
3
6
VD2
FET 2 drain voltage sense
-
4
7
VS2
Source pin used as reference for VD2
-
5
8
VS1
Source pin used as reference for VD1
6
6
9
VD1
FET 1 drain voltage sense
7
7
12
VDD
Supply Voltage
8
8
13
VG1
FET 1 gate driver output
2
EXPOSE
D PAD
1,14
PGND Power Ground, return for power switch
-
-
5,10
NC
No Connection
-
-
4
LL
Light load timing setting. Connect a resistor to set the light load timing
-
-
11
RCP Reverse Protection function, internal 5V reference.
5
-
-
VSS
Common source pin used as reference for both channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com