Electronic Components Datasheet Search
  English  ▼

X  

MP6922 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6922
Description  Dual Fast Turn-off Intelligent Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6922 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6922 Datasheet HTML 1Page - Monolithic Power Systems MP6922 Datasheet HTML 2Page - Monolithic Power Systems MP6922 Datasheet HTML 3Page - Monolithic Power Systems MP6922 Datasheet HTML 4Page - Monolithic Power Systems MP6922 Datasheet HTML 5Page - Monolithic Power Systems MP6922 Datasheet HTML 6Page - Monolithic Power Systems MP6922 Datasheet HTML 7Page - Monolithic Power Systems MP6922 Datasheet HTML 8Page - Monolithic Power Systems MP6922 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP6922
Dual Fast Turn-off Intelligent Controller
MP6922 Rev. 1.23
www.MonolithicPower.com
1
9/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6922 is a dual fast turn-off intelligent
controller to drive two N-CH power MOSFETs
in LLC resonant converters for synchronous
rectification.
The IC regulates the forward voltage drop of the
power switch to about 70mV and turns it off
before the voltage goes negative.
MP6922 has a light-load function to latch-off the
gate driver at light load condition, during which
only
about
600μA
quiescent
current
is
consumed.
The fast turn-off speed of MP6922 makes both
CCM and DCM driving available. An internal
Reverse Current Protection (RCP) function
ensures safe operation of the MOSFETs in high
frequency CCM condition.
MP6922 requires a minimum number of readily
available standard external components and is
available in SOIC8E, SOIC8 or SOIC14
package.
FEATURES
• Works with both Standard and Logic Level
FETs
• Compatible with Energy Star, 0.5W Standby
Requirements
• VDD Range From 8V to 24V
• Fast Turn-off Total Delay of 20ns
• Reverse Current Protection Function
• Max 300kHz Switching Frequency
• <600uA Quiescent Current at Light Load
Mode
• Supports CCM, CrCM and DCM Operation
Mode
• Available in SOIC8E, SOIC8 or SOIC14
package
APPLICATIONS
• AC-DC Adapter
• LCD & PDP TV
• Telecom SMPS
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
Q1
Q2
S
2
S
1
Ls
Cs
Lm
T
Cin
Cout
VOUT
VD2
VG2
VG1
VS2
VS
EN
PGND
VDD
C1
R1
MP 6922
1
2
3
45
6
7
8
VD
EN Signal
GND
1
1
Q1
Q2
S
2
S
1
Ls
Cs
Lm
T
Cin
C
out
VOUT
C1
MP6922
EN Signal
NC
VS1
EN
1
2
3
4
5
69
10
11
12
13
14
RCP
7
8
NC
VD1
VG1
VS2
VDD
LL
VD2
VG2
GND
R1
R3
R
PGND PGND
R2
C2
4
SOIC8E
SOIC14


Similar Part No. - MP6922

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6922A MPS-MP6922A Datasheet
630Kb / 15P
Dual, Fast-Turn?밢ff, Intelligent Rectifier
MP6922AGN MPS-MP6922AGN Datasheet
630Kb / 15P
Dual, Fast-Turn?밢ff, Intelligent Rectifier
MP6922AGS MPS-MP6922AGS Datasheet
630Kb / 15P
Dual, Fast-Turn?밢ff, Intelligent Rectifier
MP6922AGSE MPS-MP6922AGSE Datasheet
630Kb / 15P
Dual, Fast-Turn?밢ff, Intelligent Rectifier
MP6922DS MPS-MP6922DS Datasheet
176Kb / 5P
High Efficiency Synchronous Rectification EV Board
More results

Similar Description - MP6922

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTC1-800F SEMPO-SMTC1-800F Datasheet
57Kb / 1P
Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
Fast Turn-off Thyristor
SMTC1-2000F SEMPO-SMTC1-2000F Datasheet
60Kb / 1P
Fast Turn-off Thyristor
logo
Monolithic Power System...
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6902 MPS-MP6902 Datasheet
423Kb / 12P
Fast Turn-off Intelligent Controller
MP6903 MPS-MP6903 Datasheet
320Kb / 10P
Fast Turn-off Intelligent Controller
MP6910 MPS-MP6910 Datasheet
202Kb / 10P
Fast Turn-off Intelligent Rectifier
MP6920 MPS-MP6920 Datasheet
213Kb / 9P
Fast Turn-Off Intelligent Rectifier
MP6922A MPS-MP6922A Datasheet
630Kb / 15P
Dual, Fast-Turn?밢ff, Intelligent Rectifier
logo
ZHEJIANG HUAJING RECTIF...
KK1500A HUAJING-KK1500A Datasheet
206Kb / 3P
Fast Turn-off Thyhristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com