Electronic Components Datasheet Search
  English  ▼

X  

MP6922 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP6922
Description  Dual Fast Turn-off Intelligent Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6922 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP6922 Datasheet HTML 1Page - Monolithic Power Systems MP6922 Datasheet HTML 2Page - Monolithic Power Systems MP6922 Datasheet HTML 3Page - Monolithic Power Systems MP6922 Datasheet HTML 4Page - Monolithic Power Systems MP6922 Datasheet HTML 5Page - Monolithic Power Systems MP6922 Datasheet HTML 6Page - Monolithic Power Systems MP6922 Datasheet HTML 7Page - Monolithic Power Systems MP6922 Datasheet HTML 8Page - Monolithic Power Systems MP6922 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP6922—DUAL FAST TURN-OFF INTELLIGENT CONTROLLER
MP6922 Rev. 1.23
www.MonolithicPower.com
5
9/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = 12V, unless otherwise noted.
VDD UVLO Rising vs.
Temperature
Quiescent Current vs.
Temperature
Vfwd vs. Temperature
Shutdown Current (VDD=20V)
vs. Temperature
VD1,2 Breakdown Voltage
vs. Temperature
225
230
235
240
245
250
255
260
265
-50 -30 -10 10 30 50 70 90 110130150
5.7
5.75
5.8
5.85
5.9
5.95
6
6.05
6.1
6.15
-50 -30 -10 10 30 50 70 90110130150
3
3.2
3.4
3.6
3.8
4
4.2
4.4
4.6
4.8
-50 -30 -10 10 30 50 70 90 110130150
370
380
390
400
410
420
430
440
450
-50 -30-10 10 30 50 70 90110 130150
-50 -30 -10 10 30 50 70 90110130150
68
68.5
69
69.5
70
70.5
71
71.5
72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com