Electronic Components Datasheet Search
  English  ▼

X  

MP6922 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP6922
Description  Dual Fast Turn-off Intelligent Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6922 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP6922 Datasheet HTML 4Page - Monolithic Power Systems MP6922 Datasheet HTML 5Page - Monolithic Power Systems MP6922 Datasheet HTML 6Page - Monolithic Power Systems MP6922 Datasheet HTML 7Page - Monolithic Power Systems MP6922 Datasheet HTML 8Page - Monolithic Power Systems MP6922 Datasheet HTML 9Page - Monolithic Power Systems MP6922 Datasheet HTML 10Page - Monolithic Power Systems MP6922 Datasheet HTML 11Page - Monolithic Power Systems MP6922 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP6922—DUAL FAST TURN-OFF INTELLIGENT CONTROLLER
MP6922 Rev. 1.23
www.MonolithicPower.com
8
9/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
stops switching. The part will return to normal
operation after the junction temperature has
dropped to 120oC.
Turn-on Phase
When the switch current flows through the body
diode of the MOSFET, there will be a negative
VDS (VD-VSS) across it (<-500mV), the VDS is
much lower than the turn on threshold of the
control circuitry (-70mV), which then turns on the
MOSFET after 200ns turn-on delay (defined in
Fig.2).
As soon as the turn on threshold (-70mV) is
triggered, a blanking time (Minimum on-time:
~1us) will be added during which the turn off
threshold will be changed from 0mV to +50mV.
This blanking time can help to avoid error trigger
on turn off threshold caused by the turn on
ringing of the synchronous power switch.
VDS
VGATE
tDon
tDoff
-70mV
2V
0mV
Figure 2—Turn on and Turn off delay
Conducting Phase
When the MOSFET is turned on, VDS (-ISD X
rDS(ON)) becomes to rise according to the drop of
the switch current (ISD) , as soon as VDS rises
above the turn on threshold (-70mV), the control
circuitry stops pulling up the gate driver and the
driver voltage of the MOSFET dropped, which
makes the on resistance rDS(ON) of the MOSFET
becomes larger. By doing that, VDS (-ISD x rDS(ON))
is adjusted to be around -70mV even when the
switch current ISD is fairly small, this function can
make the turn off threshold (0mV) of the internal
driver never triggered until the current through
the MOSFET has dropped to near zero.
Turn-off Phase
When VDS rises to trigger the turn off threshold
(0mV), the driver voltage of the switch is pulled to
low after about 20ns turn off delay (defined in
Fig.4) by the control circuitry. Similar with turn-on
phase, a 1.6us blanking time is added after the
switch is turned off, during which the MOSFET is
never turned on to avoid error trigger.
Fig.3 show the MP6922 operation at heavy load
condition. Due to the high current, the driver
voltage will be saturated at first. After VDS goes to
above -70mV, driver voltage decreases to adjust
the VDS to typical -70mV.
Fig.4 show the MP6922 operation at light load
condition. Due to the low current, the driver
voltage never saturates but begins to decrease
as soon as the synchronous power switch is
turned on and adjust the VDS.
-70mV
0mV
Vds
Vgs
Isd
Figure 3—Synchronous Rectification
Operation at heavy load
-70mV
0mV
Vds
Vgs
Isd
Figure 4
—Synchronous Rectification
Operation at light load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com