Electronic Components Datasheet Search
  English  ▼

X  

MP8606 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP8606
Description  6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8606 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP8606 Datasheet HTML 9Page - Monolithic Power Systems MP8606 Datasheet HTML 10Page - Monolithic Power Systems MP8606 Datasheet HTML 11Page - Monolithic Power Systems MP8606 Datasheet HTML 12Page - Monolithic Power Systems MP8606 Datasheet HTML 13Page - Monolithic Power Systems MP8606 Datasheet HTML 14Page - Monolithic Power Systems MP8606 Datasheet HTML 15Page - Monolithic Power Systems MP8606 Datasheet HTML 16Page - Monolithic Power Systems MP8606 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
MP8606
– 6A, 6.5V SYNCHRONOUS STEP-DOWN CONVERTER
MP8606 Rev. 1.03
www.MonolithicPower.com
14
8/2/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The output voltage is set by using a resistive
voltage divider from the output voltage to the FB
pin.
The use of low-ESR ceramic output capacitors
requires adding an external voltage ramp to the
FB through R4 and C4. Choose an R2 value
between 5k
Ω and 40kΩ, then determine R1 using
the following equation:
1
REF
RAMP
4
2
OUT
REF
RAMP
1
R
1
VV
1
2
1
R
R
(V
V
V
)
2
(9)
Using the VRAMP value derived from equation (16).
For sample feedback resistor values and output
voltages, see the design example section on
page 11.
Input Capacitor
The input current to the step-down converter is
discontinuous and therefore requires a capacitor
to supply the AC current to the step-down
converter while maintaining the DC input voltage.
Ceramic capacitors are recommended for best
performance and should be placed as close to
the VIN pin as possible. Capacitors with X5R and
X7R
ceramic
dielectrics
are
recommended
because they are fairly stable with temperature
fluctuations.
The capacitors must also have a ripple current
rating greater than the maximum input ripple
current of the converter. The input ripple current
can be estimated as follows:
OUT
OUT
CIN
OUT
IN
IN
VV
I
I
(1
)
VV
 
(10)
The worst-case condition occurs at VIN = 2VOUT,
where:
OUT
CIN
I
I
2
(11)
For simplification, choose the input capacitor with
an RMS current rating greater than half of the
maximum load current.
The input capacitance value determines the input
voltage ripple of the converter. If there is an input
voltage ripple requirement in the system, choose
the input capacitor that meets the specification.
The input voltage ripple can be estimated as
follows::
OUT
OUT
OUT
IN
SW
IN
IN
IN
I
V
V
V
(1
)
F
C
V
V
 
(12)
Under worst-case conditions where VIN = 2VOUT:
OUT
IN
SW
IN
I
1
V
4
F
C
 
(14)
Output Capacitor
The output capacitor is required to maintain the
DC
output
voltage.
Ceramic
or
POSCON
capacitors are recommended. The output voltage
ripple can be estimated by:
OUT
OUT
OUT
ESR
SW
IN
SW
OUT
VV
1
V
(1
) (R
)
F
L
V
8 F
C
 
(14)
Where RESR is the ESR value of COUT.
For
ceramic
capacitors,
the
capacitance
dominates
the
impedance
at
the
switching
frequency and is the primary contributor to the
output voltage ripple. For simplification, the
output voltage ripple can be estimated by:
OUT
OUT
OUT
2
SW
OUT
IN
VV
V
(1
)
8 F
L C
V
 
 
(15)
The output voltage ripple caused by ESR is very
small for ceramic capacitors, so it needs an
external ramp to stabilize the system. The
voltage ramp is expected to be around 30mV.
The external ramp can be generated through
resistor capacitor C4, using the following equation:
IN
FB
ON
RAMP
44
(V
V ) T
V
RC

(16)
The C4 should meet the following requirement:
12
SW
4
1
2
RR
11
()
2
F
C
5
R
R


(17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com