Electronic Components Datasheet Search
  English  ▼

X  

MP8606 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8606
Description  6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8606 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8606 Datasheet HTML 9Page - Monolithic Power Systems MP8606 Datasheet HTML 10Page - Monolithic Power Systems MP8606 Datasheet HTML 11Page - Monolithic Power Systems MP8606 Datasheet HTML 12Page - Monolithic Power Systems MP8606 Datasheet HTML 13Page - Monolithic Power Systems MP8606 Datasheet HTML 14Page - Monolithic Power Systems MP8606 Datasheet HTML 15Page - Monolithic Power Systems MP8606 Datasheet HTML 16Page - Monolithic Power Systems MP8606 Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
MP8606
– 6A, 6.5V SYNCHRONOUS STEP-DOWN CONVERTER
MP8606 Rev. 1.03
www.MonolithicPower.com
16
8/2/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 10
—Detailed Application Schematic
Layout Recommendation
1)
Put the input capacitors as close to the IN
and GND pins as possible on the same layer.
2)
Put the decoupling capacitor as close to the
VCC and GND pins as possible. On the same
layer.
3)
Keep the switching node SW short and away
from the feedback network.
4)
The external feedback resistors should be
placed next to the FB pin. Make sure that
there is no via on the FB trace.
5)
Keep the BST voltage path (BST, C3, and
SW) as short as possible.
6)
Four-layer layout is recommended to achieve
better thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com