Electronic Components Datasheet Search
  English  ▼

X  

MP8606DL Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8606DL
Description  6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8606DL Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8606DL Datasheet HTML 1Page - Monolithic Power Systems MP8606DL Datasheet HTML 2Page - Monolithic Power Systems MP8606DL Datasheet HTML 3Page - Monolithic Power Systems MP8606DL Datasheet HTML 4Page - Monolithic Power Systems MP8606DL Datasheet HTML 5Page - Monolithic Power Systems MP8606DL Datasheet HTML 6Page - Monolithic Power Systems MP8606DL Datasheet HTML 7Page - Monolithic Power Systems MP8606DL Datasheet HTML 8Page - Monolithic Power Systems MP8606DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
MP8606
– 6A, 6.5V SYNCHRONOUS STEP-DOWN CONVERTER
MP8606 Rev. 1.03
www.MonolithicPower.com
3
8/2/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(4)
VCC=VIN = VEN = 3.6V, TA = 25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
Non-Switching Supply Current
VEN = VIN = VCC
VFB = 0.65V
820
945
μA
No load Supply Current
VEN = VIN = VCC
VFB = 0.6V, Io=0A
2
mA
Shutdown Current
VEN = 0V, VIN = VCC = 6.5V
-1
1
μA
High-Side Switch On-Resistance
(5)
ISW = 300mA
14
m
Ω
Low-Side Switch On-Resistance
(5)
ISW = -300mA
8
m
Ω
SW Leakage Current
VEN = 0V; VIN = 6.5V
VSW = 0V or 6.5V
-1
1
μA
Current Limit
VCC = VIN = 5V
8
10
13.5
A
One-shot On Time
RFREQ = 200kΩ, VOUT=1.2V, VIN=5V
170
ns
Minimum Off Time
(5)
50
ns
Fold-back Off Time
(5)
2.5
μs
OCP Hold-off Time
(5)
20
μs
Feedback Voltage
2.9V
 V
IN  6.0V
594
600
606
mV
6.0V < VIN  6.5V
591
600
609
mV
Feedback Current
VFB = 0.6V
20
50
nA
Soft Start Charging current
8
10
μA
Soft Stop Discharging current
8
10
μA
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.6
V
EN Input Current
VEN =2V
2
5
μA
VEN =0V
-1
1
μA
POK Upper Trip Threshold
FB with respect to the nominal value
-10
%
POK Lower Trip Threshold
FB with respect to the nominal value
-30
%
POK Deglitch Timer
0.4
0.6
ms
POK Output Lower Voltage
Isink=5mA
0.4
V
POK Leakage Current
VPOK=3.3V
-10
10
nA
Standby Mode Delay Time
(5)
10
μs
BS Refresh Period
(4)
In Standby Mode
20
μs
BS Refresh On Time
(5)
In Standby Mode
100
ns
VCC Under Voltage Lockout
Threshold
Rising Edge
2.4
2.7
2.9
V
VCC Under Voltage Lockout
Hysteresis
300
410
mV
Thermal Shutdown
Rising Edge, Hysteresis=20°C
160
°C
Note:
5) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com