Electronic Components Datasheet Search
  English  ▼

X  

MP8606DL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP8606DL
Description  6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8606DL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP8606DL Datasheet HTML 7Page - Monolithic Power Systems MP8606DL Datasheet HTML 8Page - Monolithic Power Systems MP8606DL Datasheet HTML 9Page - Monolithic Power Systems MP8606DL Datasheet HTML 10Page - Monolithic Power Systems MP8606DL Datasheet HTML 11Page - Monolithic Power Systems MP8606DL Datasheet HTML 12Page - Monolithic Power Systems MP8606DL Datasheet HTML 13Page - Monolithic Power Systems MP8606DL Datasheet HTML 14Page - Monolithic Power Systems MP8606DL Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MP8606
– 6A, 6.5V SYNCHRONOUS STEP-DOWN CONVERTER
MP8606 Rev. 1.03
www.MonolithicPower.com
11
8/2/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Figure 4
—
Floating Driver and Bootstrap Charging
The floating power MOSFET driver is powered by
an external bootstrap capacitor. This floating
driver has its own UVLO protection with a rising
threshold of 1.4V and a hysteresis of 150mV.
The bootstrap capacitor is charges from VCC
through N1 (Fig. 4). N1 turns on when the LS-
FET turns on and turns off when the LS-FET
turns off. A schottky diode is recommended to be
placed between VCC and BST to help maintain
BST voltage at light load operation.
Switching Frequency
MP8606 uses constant-on-time (COT) control
because there is no dedicated oscillator in the IC.
The input voltage is feed-forwarded to the on-
time one-shot timer through the resistor R7. The
duty ratio is kept as VOUT/VIN, and the switching
frequency is fairly constant over the input voltage
range.
The
switching
frequency
can
be
determined with the following equation:
6
SW
7
IN
DELAY
IN
OUT
10
F
(kHz)
5.8 R (k )
V (V)
T
(ns)
V (V) 0.4
V
(V)


(3)
Where TDELAY is the comparator delay, and
equals approximately 40ns.
MP8606 is optimized to operate at high switching
frequency with high efficiency. High switching
frequency makes it possible to use small-sized
LC filter components to save system PCB space.
RAMP Compensation
Jitter occurs in both PWM and skip modes when
noise in the VFB ripple propagates a delay to the
HS-FET driver, as shown in Figures 5 and 6.
Jitter can affect system stability, with noise
immunity proportional to the steepness of VFB’s
downward slope. However, VFB ripple does not
directly affect noise immunity.
Figure 5
—Jitter in PWM Mode
Figure 6
—Jitter in Skip Mode
When using ceramic output capacitors, the ESR
ripple is not sufficient to stabilize the system, and
the system requires external ramp compensation.
Figure 7
—Simplified Circuit in PWM Mode
with External Ramp Compensation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com