Electronic Components Datasheet Search
  English  ▼

X  

MP8606DL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8606DL
Description  6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8606DL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8606DL Datasheet HTML 1Page - Monolithic Power Systems MP8606DL Datasheet HTML 2Page - Monolithic Power Systems MP8606DL Datasheet HTML 3Page - Monolithic Power Systems MP8606DL Datasheet HTML 4Page - Monolithic Power Systems MP8606DL Datasheet HTML 5Page - Monolithic Power Systems MP8606DL Datasheet HTML 6Page - Monolithic Power Systems MP8606DL Datasheet HTML 7Page - Monolithic Power Systems MP8606DL Datasheet HTML 8Page - Monolithic Power Systems MP8606DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MP8606
– 6A, 6.5V SYNCHRONOUS STEP-DOWN CONVERTER
MP8606 Rev. 1.03
www.MonolithicPower.com
4
8/2/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
AGND
Analog ground.
2
Freq
Frequency. Set during CCM operation. Connect a resistor to IN for line feed-forward.
3
FB
Feedback. Sets the output voltage from the tap of an external resistor divider from
the output to GND.
4
SS/TRK
Soft-Start. Connect on external capacitor to program the soft start time for the switch
mode regulator.
5
EN
En=1 to enable the MP8606. For automatic start-up, connect EN pin to VIN with
100k
Ω resistor.
6
PGOOD
Power-Good Open-Drain Output. HIGH output indicates that the output is within +/-
10% of the regulation value. LOW output indicates that the output is out of +/-10%
window. There is a 0.5 ms delay
from FB ≥ 90% to PGOOD goes high.
7
BST
Bootstrap. Connect a capacitor between this pin and SW to provide a floating supply
for the high-side gate driver.
8, 21, 22
SW
Switch Node. Connect to the inductor. Connects to the internal high-side and low-
side power MOSFET switches. All SW pins must be connected together externally.
9-16
PGND
Power Ground. Connect these pins to the negative terminals of the input and output
capacitors using large copper areas. Connect to AGND through a single point.
17, 19, 20
IN
Input Supply. Powers the high-side switch. Requires a decoupling capacitor to
ground close to this pin to reduce switching spikes. Connect all IN pins together
externally.
18
VCC
Bias Supply. Power both the internal control circuitry and gate drivers. Requires a
decoupling capacitor to ground close to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com