Electronic Components Datasheet Search
  English  ▼

X  

MP8606DL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8606DL
Description  6A, 6.5V, Fast-Transient, Synchronous Step-Down Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8606DL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8606DL Datasheet HTML 1Page - Monolithic Power Systems MP8606DL Datasheet HTML 2Page - Monolithic Power Systems MP8606DL Datasheet HTML 3Page - Monolithic Power Systems MP8606DL Datasheet HTML 4Page - Monolithic Power Systems MP8606DL Datasheet HTML 5Page - Monolithic Power Systems MP8606DL Datasheet HTML 6Page - Monolithic Power Systems MP8606DL Datasheet HTML 7Page - Monolithic Power Systems MP8606DL Datasheet HTML 8Page - Monolithic Power Systems MP8606DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MP8606
6A, 6.5V, Fast-Transient, Synchronous
Step-Down Converter
MP8606 Rev. 1.03
www.MonolithicPower.com
1
8/2/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
DESCRIPTION
The
MP8606
is
a
fully-integrated,
high-
frequency, synchronous, rectified step-down
switch-mode converter. It offers a very compact
solution to achieve 6A of continuous output
current from a 2.9V-to-6.5V input with excellent
load and line regulation.
The advanced PWM scheme provides fast
transient response and eases loop stabilization.
The MP8606 integrates a 14m
Ω high-side
switch and an 8m
Ω low-side synchronous
switch for high efficiency without an external
Schottky diode. Fault protections include peak
current limiting, hiccup over-current protection,
and thermal shutdown. It also has a power-
good output.
The MP8606 requires a minimal number of
readily available standard external components
and is available in a 3mmx4mm flip-chip QFN
package.
FEATURES
 6A Continuous Output Current
 14mΩ Internal High-Side Power Switches
 8mΩ Internal Low-Side Power Switches
 Input Operation Range: 2.9V to 6.5V
 Adjustable Output Down to 0.6V
 Programmable Switching Frequency
 Hiccup Over-Current Protection
 Programmable Soft-Start Time
 Thermal Shutdown
 Power-Good Output
 3mmx4mm Flip-Chip Package
APPLICATIONS
 µP/ASIC/DSP/FPGA Core and I/O Supplies
 Portable Equipment / Notebook Computers
 Network and Telecom Equipment
 Point of Load Regulators
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP8606DL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP86 ETC1-MP86 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Monolithic Power System...
MP8619 MPS-MP8619 Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
MP8619EQJ MPS-MP8619EQJ Datasheet
347Kb / 12P
8A, 25V, 600kHz Synchronous Step-down Converter
logo
Schneider Electric
MP86200 SCHNEIDER-MP86200 Datasheet
169Kb / 2P
MP Meter Pak, main lugs, six ringed sockets, no bypass, 4 jaws, OH, UG, 800 A bus, 200 A, 240 VAC single phase 3W
logo
Monolithic Power System...
MP8642 MPS-MP8642 Datasheet
342Kb / 12P
Dual 3A, 23V, 600kHz Step-Down Converter with Frequency Synchronization
More results

Similar Description - MP8606DL

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1146 ANALOGICTECH-AAT1146_08 Datasheet
668Kb / 20P
Fast Transient 400mA Step-Down Converter
logo
Monolithic Power System...
MP9186 MPS-MP9186 Datasheet
866Kb / 16P
20V, 6A Synchronous Step-Down Converter
logo
Eutech Microelectronics...
EUP3216 EUTECH-EUP3216 Datasheet
785Kb / 1P
6A Synchronous Step-Down Converter
logo
Leshan Radio Company
LR8503 LRC-LR8503 Datasheet
586Kb / 7P
800mA,2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
logo
Diodes Incorporated
PAM2325 DIODES-PAM2325 Datasheet
553Kb / 12P
FAST TRANSIENT 3.5A STEP-DOWN CONVERTER
Rev 2
logo
ACE Technology Co., LTD...
ACE7203D ACE-ACE7203D Datasheet
207Kb / 3P
800mA, 2V-6.5V Input,1.5MHz Synchronous Step-Down Converter
VER 1.1
logo
Richtek Technology Corp...
RT2856H RICHTEK-RT2856H Datasheet
241Kb / 19P
6A, 18V, Synchronous Step-Down Converter
June 2019
RT5758 RICHTEK-RT5758 Datasheet
713Kb / 26P
9A, 6.5V, 1MHz Synchronous Step-Down Converter
April 2018
RT7298A RICHTEK-RT7298A Datasheet
323Kb / 21P
6A, 18V, Synchronous Step-Down Converter
June 2019
RTQ2158A-QA RICHTEK-RTQ2158A-QA Datasheet
1Mb / 26P
Peak 12A, 6.5V, 460kHz Synchronous Step-Down Converter
December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com