Electronic Components Datasheet Search
  English  ▼

X  

MP9186 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9186
Description  20V, 6A Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9186 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9186 Datasheet HTML 1Page - Monolithic Power Systems MP9186 Datasheet HTML 2Page - Monolithic Power Systems MP9186 Datasheet HTML 3Page - Monolithic Power Systems MP9186 Datasheet HTML 4Page - Monolithic Power Systems MP9186 Datasheet HTML 5Page - Monolithic Power Systems MP9186 Datasheet HTML 6Page - Monolithic Power Systems MP9186 Datasheet HTML 7Page - Monolithic Power Systems MP9186 Datasheet HTML 8Page - Monolithic Power Systems MP9186 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
MP9186 – 20V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP9186 Rev. 1.0
www.MonolithicPower.com
3
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current (Shutdown)
IIN
VEN = 0V
10
15
µA
Supply Current (Quiescent)
IQ
VEN = 2V, VFB = 1V
0.8
1.2
mA
HS Switch-On Resistance
HSRDS-ON
60
m
LS Switch-On Resistance
LSRDS-ON
30
m
Switch Leakage
SWLKG
VEN = 0V, VSW = 0V or
12V
0
1
µA
Current Limit
(6)
ILIMIT
Duty=40%
7.4
9.4
A
Oscillator Frequency
fSW
RSET=30k
400
500
600
kHz
Maximum Duty Cycle
DMAX
VFB = 700mV, RSET=30k
90
95
%
Minimum On Time
(6)
TON_MIN
40
ns
Sync Frequency Range
fSYNC
0.3
2
MHz
Feedback Voltage
VFB
782
798
814
mV
Feedback Current
IFB
VFB = 800mV
25
50
nA
EN Input Low Voltage
VILEN
0.98
1.12
1.32
V
EN Input High Voltage
VIHEN
1.32
1.50
1.78
V
EN Pin Pull-Up Current
IEN
1.2
2.3
3.5
µA
VIN Under-Voltage Lockout
Threshold Rising
INUVVth
3.75
4
4.25
V
VIN Under-Voltage Lockout
Threshold Hysteresis
INUVHYS
820
mV
VCC Regulator
VCC
5
V
VCC Load Regulation
ICC=5mA
1
%
Thermal Shutdown
(6)
TSD
150
°C
Thermal Shutdown Hysteresis
(6)
TSD-HYS
30
°C
Soft Start Current
ISS
5
8
11
µA
Note:
6) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com