Electronic Components Datasheet Search
  English  ▼

X  

MP9186 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP9186
Description  20V, 6A Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9186 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP9186 Datasheet HTML 8Page - Monolithic Power Systems MP9186 Datasheet HTML 9Page - Monolithic Power Systems MP9186 Datasheet HTML 10Page - Monolithic Power Systems MP9186 Datasheet HTML 11Page - Monolithic Power Systems MP9186 Datasheet HTML 12Page - Monolithic Power Systems MP9186 Datasheet HTML 13Page - Monolithic Power Systems MP9186 Datasheet HTML 14Page - Monolithic Power Systems MP9186 Datasheet HTML 15Page - Monolithic Power Systems MP9186 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP9186 – 20V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP9186 Rev. 1.0
www.MonolithicPower.com
14
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PC Board Layout
This PCB board layout is referring to the
schematic in Figure 8.
Place the high-current paths (GND, IN and SW)
very close to the device with short, direct and
wide traces. The input decoupling capacitor
needs to be placed as close as possible to the
IN and GND pins. The VCC decoupling
capacitor needs to be placed as close as
possible to the VCC pin and multiple VIAs
should be used on both the ground side of the
VCC decoupling capacitor and the GND pins to
connect to the inner and bottom ground plane.
Place the external feedback resistors next to
the FB pin. Keep the switching node SW short
and away from the feedback network.
Top Layer
Bottom Layer
Figure 7: PCB Layout
Design Example
Below is a design example following the
application guidelines for the specifications:
Table 2: Design Example
VIN
12V
VOUT
1V
Io
6A
The detailed application schematic is shown in
Figure 8
. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com