Electronic Components Datasheet Search
  English  ▼

X  

MP9186 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP9186
Description  20V, 6A Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9186 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP9186 Datasheet HTML 1Page - Monolithic Power Systems MP9186 Datasheet HTML 2Page - Monolithic Power Systems MP9186 Datasheet HTML 3Page - Monolithic Power Systems MP9186 Datasheet HTML 4Page - Monolithic Power Systems MP9186 Datasheet HTML 5Page - Monolithic Power Systems MP9186 Datasheet HTML 6Page - Monolithic Power Systems MP9186 Datasheet HTML 7Page - Monolithic Power Systems MP9186 Datasheet HTML 8Page - Monolithic Power Systems MP9186 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
MP9186 – 20V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP9186 Rev. 1.0
www.MonolithicPower.com
4
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN 3×3mm
Pin #
Name
Description
1, 13, 14
GND
Ground. Connect these pins with larger copper areas to the negative terminals of the
input and output capacitors.
2, 11
SW
Switch Output. Use wide PCB traces to make the connection.
3, 15 (IN)
IN
Supply Voltage. The MP9186 operates from a 4.5V-to-20V input rail. Requires C1 to
decouple the input rail. Use wide PCB traces and multiple vias to make the connection.
4
EN
Enable. EN=1 to enable the MP9186. The EN pin sources 2.3µA current. Place a
capacitor from EN to GND for delayed start-up.
5
LPM
Low-Power Mode Input. An active-high signal enables low-power mode operation.
Connect LPM pin to GND to disable it and make the converter always operate in CCM.
6
FB
Feedback. Connect to the tap of an external resistor divider from the output to GND to
set the output voltage.
7
SS
Soft Start. Connect an external capacitor to program the soft-start time for the switch-
mode regulator.
8
FREQ/
SYNC
Switching Frequency Program Input. Connect a resistor from this pin to GND to set the
switching frequency. This pin also serves as a frequency-synchronous clock input.
9
VCC
Bias Supply. Decouple with 1µF capacitor. Decouple capacitor must be close enough
to VCC pin to increase noise immunity.
10
BST
Bootstrap. Requires a capacitor connected between SW and BST pins to form a
floating supply across the high-side switch driver.
12
AGND
Analog ground for internal control circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com