Electronic Components Datasheet Search
  English  ▼

X  

MP9186 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP9186
Description  20V, 6A Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9186 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP9186 Datasheet HTML 7Page - Monolithic Power Systems MP9186 Datasheet HTML 8Page - Monolithic Power Systems MP9186 Datasheet HTML 9Page - Monolithic Power Systems MP9186 Datasheet HTML 10Page - Monolithic Power Systems MP9186 Datasheet HTML 11Page - Monolithic Power Systems MP9186 Datasheet HTML 12Page - Monolithic Power Systems MP9186 Datasheet HTML 13Page - Monolithic Power Systems MP9186 Datasheet HTML 14Page - Monolithic Power Systems MP9186 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP9186 – 20V, 6A SYNCHRONOUS STEP-DOWN CONVERTER
MP9186 Rev. 1.0
www.MonolithicPower.com
11
2/4/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Startup and Shutdown
If both VIN and EN exceed their respective
thresholds, the chip is enabled. The reference
block starts first, generating a stable reference
voltage and currents, and then the internal
regulator is enabled. The regulator provides a
stable supply for the remaining circuitries.
Three events can shut down the chip: EN low,
VIN low and thermal shutdown. In shutdown, the
signaling path is first blocked to avoid any fault
triggering. The COMP voltage and the internal
supply rail are then pulled down. The floating
driver is not subject to this shutdown command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com