Electronic Components Datasheet Search
  English  ▼

X  

MP9403 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP9403
Description  3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9403 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP9403 Datasheet HTML 1Page - Monolithic Power Systems MP9403 Datasheet HTML 2Page - Monolithic Power Systems MP9403 Datasheet HTML 3Page - Monolithic Power Systems MP9403 Datasheet HTML 4Page - Monolithic Power Systems MP9403 Datasheet HTML 5Page - Monolithic Power Systems MP9403 Datasheet HTML 6Page - Monolithic Power Systems MP9403 Datasheet HTML 7Page - Monolithic Power Systems MP9403 Datasheet HTML 8Page - Monolithic Power Systems MP9403 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP9403 – 3A, 7V, 250kHz INTEGRATED SYNCHRONOUS STEP-DOWN CONVERTER
MP9403 Rev.0.9
www.MonolithicPower.com
3
2/9/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
(5)
Max
Units
Shutdown Supply Current
VEN = 0V
1.0
μA
Supply Current
VEN = 2.7V, VFB = 1.0V
1.45
1.6
mA
Feedback Voltage
VFB
4.3V
≤ VIN ≤ 7V,
TA = +25°C
0.780
0.800
0.820
V
OVP Threshold Voltage
0.90
0.95
1.00
V
Error Amplifier Voltage Gain
AEA
400
V/V
Error Amplifier Transconductance
GEA
ΔIC = ±10μA
550
820
1100
μA/V
High-Side Switch-On Resistance
RDS(ON)1
150
mΩ
Low-Side Switch-On Resistance
RDS(ON)2
100
mΩ
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V
1.0
μA
Upper Switch Current Limit
Duty Cycle = 60%
3.4
4.3
A
Lower Switch Current Limit
From Drain to Source
1.25
A
COMP to Current Sense
Transconductance
GCS
7
A/V
Oscillation Frequency
Fosc1
TA = +25°C
215
250
285
kHz
Short Circuit Oscillation Frequency
Fosc2
VFB = 0V
55
kHz
Maximum Duty Cycle
DMAX
VFB = 0.7V
85
90
%
Minimum On Time
180
ns
EN Shutdown Threshold Voltage
VEN Rising
1.0
1.3
1.6
V
EN Threshold Voltage Hysteresis
205
mV
Input Under Voltage Lockout
Threshold
UVLO
VIN rising, TA = +25°C
3.3
3.65
4.0
V
Input Under Voltage Lockout
Threshold Hysterisis
45
mV
Soft-Start Current
VSS = 0V
6
μA
Thermal Shutdown
160
°C
Notes:
5) 100% production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com