Electronic Components Datasheet Search
  English  ▼

X  

MP9403 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP9403
Description  3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9403 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP9403 Datasheet HTML 1Page - Monolithic Power Systems MP9403 Datasheet HTML 2Page - Monolithic Power Systems MP9403 Datasheet HTML 3Page - Monolithic Power Systems MP9403 Datasheet HTML 4Page - Monolithic Power Systems MP9403 Datasheet HTML 5Page - Monolithic Power Systems MP9403 Datasheet HTML 6Page - Monolithic Power Systems MP9403 Datasheet HTML 7Page - Monolithic Power Systems MP9403 Datasheet HTML 8Page - Monolithic Power Systems MP9403 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP9403 – 3A, 7V, 250kHz INTEGRATED SYNCHRONOUS STEP-DOWN CONVERTER
MP9403 Rev.0.9
www.MonolithicPower.com
5
2/9/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES
VIN=5V, VOUT=2.5V, CIN=10μF×2, COUT=22uF×2, L=6.8μH, CSS=0.1μF, TA=25°C, unless otherwise
noted.
VO/AC
10mV/div.
VSW
5V/div.
Iinductor
0.5A/div.
VO/AC
10mV/div.
VSW
5V/div.
Iinductor
2A/div.
VO
1V/div.
VEN
5V/div.
VEN
5V/div.
VEN
5V/div.
VEN
5V/div.
VSW
5V/div.
Iinductor
1A/div.
VO
1V/div.
VSW
5V/div.
Iinductor
2A/div.
VO
1V/div.
VSW
5V/div.
Iinductor
1A/div.
VO
1V/div.
VSW
5V/div.
Iinductor
2A/div.
Enable Startup
Enable Startup
Enable Shutdown
Enable Shutdown
Efficiency vs.
Load Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
LOAD CURRENT(A)
Efficiency vs.
Load Current
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
LOAD CURRENT(A)
VIN=4.3V
VOUT=1.8V
IO=0A
IO=0A
IO=3A
IO=3A
VOUT=3.3V
VIN=7V
VIN=5V
VIN=5V
VIN=7V
Output Ripple Voltage
Output Ripple Voltage
IO=0A
IO=3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com