Electronic Components Datasheet Search
  English  ▼

X  

MP9403 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP9403
Description  3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9403 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP9403 Datasheet HTML 1Page - Monolithic Power Systems MP9403 Datasheet HTML 2Page - Monolithic Power Systems MP9403 Datasheet HTML 3Page - Monolithic Power Systems MP9403 Datasheet HTML 4Page - Monolithic Power Systems MP9403 Datasheet HTML 5Page - Monolithic Power Systems MP9403 Datasheet HTML 6Page - Monolithic Power Systems MP9403 Datasheet HTML 7Page - Monolithic Power Systems MP9403 Datasheet HTML 8Page - Monolithic Power Systems MP9403 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP9403
3A, 7V, 250kHz Integrated Synchronous
Step-Down Converter
MP9403 Rev.0.9
www.MonolithicPower.com
1
2/9/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP9403 is a monolithic synchronous buck
regulator. The device integrates a 150mΩ
high-side MOSFET and a 100mΩ low-side
MOSFET that provides 3A continuous load
current over input voltage of 4.3V to 7V. Current
mode control provides fast transient response
and cycle-by-cycle current limit.
An adjustable soft-start prevents inrush current
at turn-on. In shutdown mode, the supply
current drops to 1μA.
This device, available in an 8-pin SOIC
package with exposed pad, provides a very
compact system solution with minimal reliance
on external components.
FEATURES
• 3A Output Current
• 4.3V to 7V Operating Input Range
• Integrated MOSFET Switches
• Output Adjustable from 0.80V to 5.50V
• Up to 93% Efficiency
• Programmable Soft-Start
• Stable with Low ESR Ceramic Output Capacitors
• Fixed 250kHz Frequency
• Cycle-by-Cycle Over Current Protection
• Input Under Voltage Lockout
• Thermally Enhanced 8-Pin SOIC Package
APPLICATIONS
• Distributed Power Systems
• Pre-Regulator for Linear Regulators
• Notebook Computers
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
INPUT
4.3V to 7V
OUTPUT
2.5V
3A
D1
B320
(optional)
C6
(optional)
MP9403
BS
IN
1
2
3
5
6
4
8
7
FB
SW
SS
GND
COMP
EN
Efficiency vs. Load Current
VOUT=2.5V
LOAD CURRENT (A)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
VIN=4.3V
VIN=5V
VIN=7V


Similar Part No. - MP9403

ManufacturerPart #DatasheetDescription
logo
PerkinElmer Optoelectro...
MP942 PERKINELMER-MP942 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
MP943 PERKINELMER-MP943 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
MP944 PERKINELMER-MP944 Datasheet
53Kb / 3P
Ultra High Sensitivity Gateable Photon Counting Module
logo
Monolithic Power System...
MP9442 MPS-MP9442 Datasheet
594Kb / 20P
High Efficiency 2A, 36V, 600kHz Synchronous Step-Down Converter with Power Good
MP9442GJ MPS-MP9442GJ Datasheet
594Kb / 20P
High Efficiency 2A, 36V, 600kHz Synchronous Step-Down Converter with Power Good
More results

Similar Description - MP9403

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3426 EUTECH-EUP3426 Datasheet
129Kb / 1P
3A, Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8015B RICHTEK-RT8015B Datasheet
457Kb / 16P
3A, 2MHz, Synchronous Step-Down Converter
RT8055 RICHTEK-RT8055 Datasheet
324Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
RT8063 RICHTEK-RT8063 Datasheet
149Kb / 11P
3A, 2MHz, Synchronous Step-Down Converter
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
3A, 1MHz, Synchronous Step-Down Converter
RT8082 RICHTEK-RT8082 Datasheet
256Kb / 14P
3A, 2MHz, Synchronous Step-Down Converter
logo
Monolithic Power System...
MP2403 MPS-MP2403 Datasheet
345Kb / 13P
3A, 32V, 250kHz Integrated Synchronous Step-Down Converter
MP28275 MPS-MP28275 Datasheet
407Kb / 14P
7V, 5A, 1.1MHz Synchronous Step-down Converter
logo
Eutech Microelectronics...
EUP3226 EUTECH-EUP3226 Datasheet
736Kb / 1P
3A, Synchronous Step-Down Converter
logo
SHANGHAI BELLING CO., L...
BL9371 BELLING-BL9371 Datasheet
561Kb / 11P
3A, 18V Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com