Electronic Components Datasheet Search
  English  ▼

X  

MP9403 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP9403
Description  3A, 7V, 250kHz Integrated Synchronous Step-Down Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP9403 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP9403 Datasheet HTML 3Page - Monolithic Power Systems MP9403 Datasheet HTML 4Page - Monolithic Power Systems MP9403 Datasheet HTML 5Page - Monolithic Power Systems MP9403 Datasheet HTML 6Page - Monolithic Power Systems MP9403 Datasheet HTML 7Page - Monolithic Power Systems MP9403 Datasheet HTML 8Page - Monolithic Power Systems MP9403 Datasheet HTML 9Page - Monolithic Power Systems MP9403 Datasheet HTML 10Page - Monolithic Power Systems MP9403 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MP9403 – 3A, 7V, 250kHz INTEGRATED SYNCHRONOUS STEP-DOWN CONVERTER
MP9403 Rev.0.9
www.MonolithicPower.com
7
2/9/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATIONS INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
The output voltage is set using a resistive voltage
divider from the output voltage to FB pin. The
voltage divider divides the output voltage down to
the feedback voltage by the ratio:
2
R
1
R
2
R
V
V
OUT
FB
+
=
Thus the output voltage is:
2
R
2
R
1
R
80
.
0
VOUT
+
×
=
Where VFB is the feedback voltage and VOUT is
the output voltage.
R2 can be as high as 100kΩ, but a typical value
is 10kΩ. Using that value, R1 is determined by:
)
k
)(
80
.
0
V
(
5
.
12
1
R
OUT
Ω
−
×
=
For example, for a 3.3V output voltage, R2 is
10kΩ, and R1 is 31.6kΩ.
Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will result in less ripple current that will
result in lower output ripple voltage. However, the
larger value inductor will have a larger physical
size, higher series resistance, and/or lower
saturation current. A good rule for determining
the inductance value is to allow the peak-to-peak
ripple current in the inductor to be approximately
30% of the maximum switching current limit. Also,
make sure that the peak inductor current is below
the maximum switch current limit. The inductance
value can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
=
IN
OUT
S
OUT
V
V
1
ΔI
f
V
L
Where VIN is the input voltage, fS is the 250kHz
switching frequency, and ΔIL is the peak-to-peak
inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
×
×
+
=
IN
OUT
S
OUT
LOAD
LP
V
V
1
L
f
2
V
I
I
Where ILOAD is the load current.
Table 1 lists a number of suitable inductors from
various manufacturers. The choice of which style
inductor to use mainly depends on the price vs.
size requirements and any EMI requirement.
Table 1—Inductor Selection Guide
Part Number
Inductance (µH)
Max DCR (Ω) Current Rating (A)
Dimensions
L x W x H (mm
3)
Wurth Electronics
744777004
4.7
0.040
4.0
7.3x7.3x4.5
7440650068
6.8
0.033
3.6
10x10x2.8
744066100
10
0.035
3.6
10x10x3.8
TDK
VLF10040T-4R7N5R4
4.7
0.015
5.4
10x9.7x4
VLF10040T-6R8N4R5
6.8
0.023
4.5
10x9.7x4
VLF10040T-100M3R8
10
0.033
3.8
10x9.7x4
Toko
1010ASW-4R7M
4.7
0.015
4.4
12.3x12.3x4.5
B992AS-6R8N
6.8
0.028
3.8
8.3x8.3x6.8
1010ASW-100M
10
0.022
3.6
12.3x12.3x4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com