Electronic Components Datasheet Search
  English  ▼

X  

MP20044 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP20044
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20044 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP20044 Datasheet HTML 1Page - Monolithic Power Systems MP20044 Datasheet HTML 2Page - Monolithic Power Systems MP20044 Datasheet HTML 3Page - Monolithic Power Systems MP20044 Datasheet HTML 4Page - Monolithic Power Systems MP20044 Datasheet HTML 5Page - Monolithic Power Systems MP20044 Datasheet HTML 6Page - Monolithic Power Systems MP20044 Datasheet HTML 7Page - Monolithic Power Systems MP20044 Datasheet HTML 8Page - Monolithic Power Systems MP20044 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MP20044-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20044 Rev. 1.0
www.MonolithicPower.com
5
1/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
OUT1
Channel 1 Output Voltage
2
IN
Supply Input Pin
3
EN1
Channel 1 Enable (Active High). Do Not Float This Pin.
4
GND
Common Ground
5
EN2
Channel 2 Enable (Active High). Do Not Float This Pin.
6, 7
NC
8
OUT2
Channel 2 Output Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com