Electronic Components Datasheet Search
  English  ▼

X  

MP20044 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP20044
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20044 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP20044 Datasheet HTML 3Page - Monolithic Power Systems MP20044 Datasheet HTML 4Page - Monolithic Power Systems MP20044 Datasheet HTML 5Page - Monolithic Power Systems MP20044 Datasheet HTML 6Page - Monolithic Power Systems MP20044 Datasheet HTML 7Page - Monolithic Power Systems MP20044 Datasheet HTML 8Page - Monolithic Power Systems MP20044 Datasheet HTML 9Page - Monolithic Power Systems MP20044 Datasheet HTML 10Page - Monolithic Power Systems MP20044 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP20044-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20044 Rev. 1.0
www.MonolithicPower.com
7
1/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=3.5V, VOUT1=2.5V, VOUT2=1.8V, IOUT1=IOUT2=0mA, CIN=COUT1=COUT2=1μF, EN1=EN2=VIN, Typical
Value at TA = 25C for Both Channel Enabled.
200us/div
200us/div
Load Transient Response
ILOAD=10 to 50mA, with Resistor Load
Load Transient Response
ILOAD=10 to 200mA, with Resistor Load
Load Transient Response
ILOAD=10 to 300mA, with Resistor Load
Load Transient Response
ILOAD=10 to 100mA, with Resistor Load
100us/div
200us/div
200us/div
VOUT2
10mV/div
VOUT1
10mV/div
ILOAD
20mA/div
VOUT2
50mV/div
VOUT1
50mV/div
ILOAD
100mA/div
VOUT2
50mV/div
VOUT1
50mV/div
ILOAD
200mA/div
VOUT2
20mV/div
VOUT1
20mV/div
ILOAD
50mA/div
VOUT1
10mV/div
VOUT2
10mV/div
VIN
1V/div
VOUT1
10mV/div
VOUT2
10mV/div
VIN
1V/div
VOUT1
10mV/div
VOUT2
10mV/div
VIN
1V/div
VOUT1
10mV/div
VOUT2
10mV/div
VIN
1V/div
Line Transient Response
VIN=3V to 4V, ILOAD=1mA
Line Transient Response
VIN=3V to 4V, ILOAD=100mA
Line Transient Response
VIN=3V to 4V, ILOAD=10mA
Line Transient Response
VIN=3V to 4V, ILOAD=50mA
100us/div
100us/div
100us/div
VEN
2V/div
VOUT
1V/div
40us/div
EN Shut Down Waveform
VIN=3.5V, IOUT1=IOUT2=50mA
VOUT1
VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com