Electronic Components Datasheet Search
  English  ▼

X  

MP20044 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP20044
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20044 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP20044 Datasheet HTML 3Page - Monolithic Power Systems MP20044 Datasheet HTML 4Page - Monolithic Power Systems MP20044 Datasheet HTML 5Page - Monolithic Power Systems MP20044 Datasheet HTML 6Page - Monolithic Power Systems MP20044 Datasheet HTML 7Page - Monolithic Power Systems MP20044 Datasheet HTML 8Page - Monolithic Power Systems MP20044 Datasheet HTML 9Page - Monolithic Power Systems MP20044 Datasheet HTML 10Page - Monolithic Power Systems MP20044 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MP20044-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20044 Rev. 1.0
www.MonolithicPower.com
9
1/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Power Dissipation
The power dissipation for any package depends
on the thermal resistance of the case and circuit
board, the temperature difference between the
junction and ambient air, and the rate of airflow.
The power dissipation across the device can be
represented by the equation:
P = (VIN - VOUT) ×IOUT
The
allowable
power
dissipation
can
be
calculated using the following equation:
P(MAX) = (TJunction - TAmbient) / θJA
Where (TJunction - TAmbient) is the temperature
difference
between
the
junction
and
the
surrounding environment, θJA is the thermal
resistance from the junction to the ambient
environment. Connect the GND pin of MP20044
to ground using a large pad or ground plane
helps to channel heat away.
Input Capacitor Selection
Using a capacitor whose value is >0.47µF on the
MP20044 input and the amount of capacitance
can be increased without limit. Larger values will
help improve line transient response with the
drawback of increased size. Ceramic capacitors are
preferred, but tantalum capacitors may also suffice.
Output Capacitor Selection
The MP20044 is designed specifically to work
with very low ESR ceramic output capacitor in
space-saving and performance consideration. A
ceramic capacitor in the range of 0.47µF and
10µF, and with ESR lower than 1.2Ω is suitable
for the MP20044 application circuit. Output
capacitor of larger values will help to improve
load transient response and reduce noise with
the drawback of increased size.
0.1
1
10
100
0
50
100
150
200
250
300
OUTPUT CURRENT(MA)
Figure 2—Relationship between ESR and
LDO Stability
Reverse Current Path
The PMOS used in the MP20044 has an inherent
diode connected between input and output (see
Figure3). If VOUT - VIN is more than a diode-drop,
this diode gets forward biased and starts to
conduct. To avoid misoperation, an external
Schottky connected in parallel with the internal
parasitic diode prevents it from being turned on
by limiting the voltage drop across it to about
0.3V (see Figure 4).
VIN
VOUT
Figure 3—Inherent Diode Connected between
Each Regulator Input and Output
Figure 4—External Schottky Diode Connected
in Parallel with the Internal Parasitic Diode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com