Electronic Components Datasheet Search
  English  ▼

X  

MP20044 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP20044
Description  Dual, Ultra Low Noise, High PSRR 300mA Linear Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP20044 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP20044 Datasheet HTML 3Page - Monolithic Power Systems MP20044 Datasheet HTML 4Page - Monolithic Power Systems MP20044 Datasheet HTML 5Page - Monolithic Power Systems MP20044 Datasheet HTML 6Page - Monolithic Power Systems MP20044 Datasheet HTML 7Page - Monolithic Power Systems MP20044 Datasheet HTML 8Page - Monolithic Power Systems MP20044 Datasheet HTML 9Page - Monolithic Power Systems MP20044 Datasheet HTML 10Page - Monolithic Power Systems MP20044 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP20044-DUAL, ULTRA LOW NOISE, HIGH PSRR, 300mA LINEAR REGULATOR
MP20044 Rev. 1.0
www.MonolithicPower.com
10
1/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PCB layout guide
PCB layout is very important to achieve good
regulation, ripple rejection, transient response
and
thermal
performance.
It
is
highly
recommended to duplicate EVB layout for
optimum performance.
If change is necessary, please follow these
guidelines and take figure 5 for reference.
1) Input and output bypass ceramic capacitors
are suggested to be put close to the IN Pin
and OUT Pin respectively.
2) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
3) Connect IN, OUT and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability.
EN2
EN1
OUT2
OUT1
IN
GND
OUT2
OUT1
EN
R1
R2
1
EN2
MP20044
CIN
COUT2
COUT1
IN
Top Layer
Figure 5—PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com