Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 33 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 33 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 29Page - Microsemi Corporation FG896 Datasheet HTML 30Page - Microsemi Corporation FG896 Datasheet HTML 31Page - Microsemi Corporation FG896 Datasheet HTML 32Page - Microsemi Corporation FG896 Datasheet HTML 33Page - Microsemi Corporation FG896 Datasheet HTML 34Page - Microsemi Corporation FG896 Datasheet HTML 35Page - Microsemi Corporation FG896 Datasheet HTML 36Page - Microsemi Corporation FG896 Datasheet HTML 37Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 162 page
background image
ProASIC3E Flash Family FPGAs
Revision 13
2-19
Table 2-17 • Summary of I/O Timing Characteristics—Software Default Settings
–2 Speed Grade, Commercial-Case Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = 3.0 V
I/O Standard
Drive
Strength
(mA)
Equivalent
Software
Default
Drive
Strength
Option)1
3.3 V LVTTL /
3.3 V LVCMOS
12
12
High 35
–
0.49 2.74 0.03 0.90 1.17 0.32 2.79 2.14 2.45 2.70 4.46 3.81
3.3 V LVCMOS
Wide Range2
100 µA
12
High 35
–
0.49 4.24 0.03 1.36 1.78 0.32 4.24 3.25 3.78 4.17 6.77 5.79
2.5 V LVCMOS
12
12
High 35
–
0.49 2.80 0.03 1.13 1.24 0.32 2.85 2.61 2.51 2.61 4.52 4.28
1.8 V LVCMOS
12
12
High 35
–
0.49 2.83 0.03 1.08 1.42 0.32 2.89 2.31 2.79 3.16 4.56 3.98
1.5 V LVCMOS
12
12
High 35
–
0.49 3.30 0.03 1.27 1.60 0.32 3.36 2.70 2.96 3.27 5.03 4.37
3.3 V PCI
Per PCI
spec
–
High 10
25 3 0.49 2.09 0.03 0.78 1.17 0.32 2.13 1.49 2.45 2.70 3.80 3.16
3.3 V PCI-X
Per PCI-X
spec
–
High 10
253 0.49 2.09 0.03 0.78 1.17 0.32 2.13 1.49 2.45 2.70 3.80 3.16
3.3 V GTL
20 4
–
High 10
25 0.45 1.55 0.03 2.19 – 0.32 1.52 1.55 –
– 3.19 3.22
2.5 V GTL
20 4
–
High 10
25 0.45 1.59 0.03 1.83 – 0.32 1.61 1.59 –
– 3.28 3.26
3.3 V GTL+
35
–
High 10
25 0.45 1.53 0.03 1.19 – 0.32 1.56 1.53 –
– 3.23 3.20
2.5 V GTL+
33
–
High 10
25 0.45 1.65 0.03 1.13 – 0.32 1.68 1.57 –
– 3.35 3.24
HSTL (I)
8
–
High 20
50 0.49 2.37 0.03 1.59 – 0.32 2.42 2.35 –
– 4.09 4.02
HSTL (II)
15 4
–
High 20
25 0.49 2.26 0.03 1.59 – 0.32 2.30 2.03 –
– 3.97 3.70
SSTL2 (I)
15
–
High 30
50 0.49 1.59 0.03 1.00 – 0.32 1.62 1.38 –
– 3.29 3.05
SSTL2 (II)
18
–
High 30
25 0.49 1.62 0.03 1.00 – 0.32 1.65 1.32 –
– 3.32 2.99
SSTL3 (I)
14
–
High 30
50 0.49 1.72 0.03 0.93 – 0.32 1.75 1.37 –
– 3.42 3.04
SSTL3 (II)
21
–
High 30
25 0.49 1.54 0.03 0.93 – 0.32 1.57 1.25 –
– 3.24 2.92
LVDS/B-LVDS/
M-LVDS
24
–
High –
–
0.49 1.40 0.03 1.36 –
–
–
–
–
–
–
–
LVPECL
24
–
High –
–
0.49 1.36 0.03 1.22 –
–
–
–
–
–
–
–
Notes:
1. The minimum drive strength for any LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive
strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models.
2. All LVCMOS 3.3 V software macros support LVCMOS 3.3V wide range as specified in the JESD8b specification.
3. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-11 on page 2-37 for
connectivity. This resistor is not required during normal operation.
4. Output drive strength is below JEDEC specification.
5. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-5..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com