Electronic Components Datasheet Search
  English  ▼

X  

FG896 Datasheet(PDF) 102 Page - Microsemi Corporation

Part # FG896
Description  ProASIC3E Flash Family FPGAs with Optional Soft ARM Support
PDF  162 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

FG896 Datasheet(HTML) 102 Page - Microsemi Corporation

Back Button FG896 Datasheet HTML 98Page - Microsemi Corporation FG896 Datasheet HTML 99Page - Microsemi Corporation FG896 Datasheet HTML 100Page - Microsemi Corporation FG896 Datasheet HTML 101Page - Microsemi Corporation FG896 Datasheet HTML 102Page - Microsemi Corporation FG896 Datasheet HTML 103Page - Microsemi Corporation FG896 Datasheet HTML 104Page - Microsemi Corporation FG896 Datasheet HTML 105Page - Microsemi Corporation FG896 Datasheet HTML 106Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 162 page
background image
Package Pin Assignments
4-2
Revision 13
PQ208
Pin Number
A3PE600 Function
1GND
2
GNDQ
3VMV7
4
GAB2/IO133PSB7V1
5
GAA2/IO134PDB7V1
6
IO134NDB7V1
7
GAC2/IO132PDB7V1
8
IO132NDB7V1
9
IO130PDB7V1
10
IO130NDB7V1
11
IO127PDB7V1
12
IO127NDB7V1
13
IO126PDB7V0
14
IO126NDB7V0
15
IO124PSB7V0
16
VCC
17
GND
18
VCCIB7
19
IO122PPB7V0
20
IO121PSB7V0
21
IO122NPB7V0
22
GFC1/IO120PSB7V0
23
GFB1/IO119PDB7V0
24
GFB0/IO119NDB7V0
25
VCOMPLF
26
GFA0/IO118NPB6V1
27
VCCPLF
28
GFA1/IO118PPB6V1
29
GND
30
GFA2/IO117PDB6V1
31
IO117NDB6V1
32
GFB2/IO116PPB6V1
33
GFC2/IO115PPB6V1
34
IO116NPB6V1
35
IO115NPB6V1
36
VCC
37
IO112PDB6V1
38
IO112NDB6V1
39
IO108PSB6V0
40
VCCIB6
41
GND
42
IO106PDB6V0
43
IO106NDB6V0
44
GEC1/IO104PDB6V0
45
GEC0/IO104NDB6V
0
46
GEB1/IO103PPB6V0
47
GEA1/IO102PPB6V0
48
GEB0/IO103NPB6V0
49
GEA0/IO102NPB6V0
50
VMV6
51
GNDQ
52
GND
53
VMV5
54
GNDQ
55
IO101NDB5V2
56
GEA2/IO101PDB5V2
57
IO100NDB5V2
58
GEB2/IO100PDB5V2
59
IO99NDB5V2
60
GEC2/IO99PDB5V2
61
IO98PSB5V2
62
VCCIB5
63
IO96PSB5V2
64
IO94NDB5V1
65
GND
66
IO94PDB5V1
67
IO92NDB5V1
68
IO92PDB5V1
69
IO88NDB5V0
70
IO88PDB5V0
71
VCC
PQ208
Pin Number
A3PE600 Function
72
VCCIB5
73
IO85NPB5V0
74
IO84NPB5V0
75
IO85PPB5V0
76
IO84PPB5V0
77
IO83NPB5V0
78
IO82NPB5V0
79
IO83PPB5V0
80
IO82PPB5V0
81
GND
82
IO80NDB4V1
83
IO80PDB4V1
84
IO79NPB4V1
85
IO78NPB4V1
86
IO79PPB4V1
87
IO78PPB4V1
88
VCC
89
VCCIB4
90
IO76NDB4V1
91
IO76PDB4V1
92
IO72NDB4V0
93
IO72PDB4V0
94
IO70NDB4V0
95
GDC2/IO70PDB4V0
96
IO68NDB4V0
97
GND
98
GDA2/IO68PDB4V0
99
GDB2/IO69PSB4V0
100
GNDQ
101
TCK
102
TDI
103
TMS
104
VMV4
105
GND
106
VPUMP
107
GNDQ
PQ208
Pin Number
A3PE600 Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com