Electronic Components Datasheet Search
  English  ▼

X  

AX500 Datasheet(PDF) 26 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 26 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 22Page - Microsemi Corporation AX500 Datasheet HTML 23Page - Microsemi Corporation AX500 Datasheet HTML 24Page - Microsemi Corporation AX500 Datasheet HTML 25Page - Microsemi Corporation AX500 Datasheet HTML 26Page - Microsemi Corporation AX500 Datasheet HTML 27Page - Microsemi Corporation AX500 Datasheet HTML 28Page - Microsemi Corporation AX500 Datasheet HTML 29Page - Microsemi Corporation AX500 Datasheet HTML 30Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 262 page
background image
Detailed Specifications
2- 12
R e v i sio n 1 8
Table 2-8 • I/O Standards Supported by the Axcelerator Family
I/O Standard
Input/Output Supply
Voltage (VCCI)
Input Reference
Voltage (VREF)
Board Termination
Voltage (VTT)
LVTTL
3.3
N/A
N/A
LVCMOS 2.5 V
2.5
N/A
N/A
LVCMOS 1.8 V
1.8
N/A
N/A
LVCMOS 1.5 V (JDEC8-11)
1.5
N/A
N/A
3.3V PCI/PCI-X
3.3
N/A
N/A
GTL+ 3.3 V
3.3
1.0
1.2
GTL+ 2.5 V*
2.5
1.0
1.2
HSTL Class 1
1.5
0.75
0.75
SSTL3 Class 1 and II
3.3
1.5
1.5
SSTL2 Class1 and II
2.5
1.25
1.25
LVDS
2.5
N/A
N/A
LVPECL
3.3
N/A
N/A
Note:
*2.5 V GTL+ is not supported across the full military temperature range.
Table 2-9 • Supply Voltages
VCCA
VCCI
Input Tolerance
Output Drive Level
1.5 V
1.5 V
3.3 V
1.5 V
1.5 V
1.8 V
3.3 V
1.8 V
1.5 V
2.5 V
3.3 V
2.5 V
1.5 V
3.3 V
3.3 V
3.3 V
Table 2-10 • I/O Features Comparison
I/O Assignment
Clamp
Diode
Hot
Insertion
5 V
Tolerance
Input
Buffer
Output
Buffer
LVTTL
No
Yes
Yes1
Enabled/Disabled
3.3 V PCI, 3.3 V PCI-X
Yes
No
Yes1, 2
Enabled/Disabled
LVCMOS 2.5 V
No
Yes
No
Enabled/Disabled
LVCMOS 1.8 V
No
Yes
No
Enabled/Disabled
LVCMOS 1.5 V (JESD8-11)
No
Yes
No
Enabled/Disabled
Voltage-Referenced Input Buffer
No
Yes
No
Enabled/Disabled
Differential, LVDS/LVPECL, Input
No
Yes
No
Enabled
Disabled3
Differential, LVDS/LVPECL, Output
No
Yes
No
Disabled
Enabled4
Notes:
1. Can be implemented with an IDT bus switch.
2. Can be implemented with an external resistor.
3. The OE input of the output buffer must be deasserted permanently (handled by software).
4. The OE input of the output buffer must be asserted permanently (handled by software).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com