Electronic Components Datasheet Search
  English  ▼

X  

AX500 Datasheet(PDF) 27 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 27 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 23Page - Microsemi Corporation AX500 Datasheet HTML 24Page - Microsemi Corporation AX500 Datasheet HTML 25Page - Microsemi Corporation AX500 Datasheet HTML 26Page - Microsemi Corporation AX500 Datasheet HTML 27Page - Microsemi Corporation AX500 Datasheet HTML 28Page - Microsemi Corporation AX500 Datasheet HTML 29Page - Microsemi Corporation AX500 Datasheet HTML 30Page - Microsemi Corporation AX500 Datasheet HTML 31Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
2 - 13
5V Tolerance
There are two schemes to achieve 5 V tolerance:
1. 3.3 V PCI and 3.3 V PCI-X are the only I/O standards that directly allow 5 V tolerance. To
implement this, an internal clamp diode between the input pad and the VCCI pad is enabled so
that the voltage at the input pin is clamped, as shown in EQ 3:
Vinput = VCCI + Vdiode = 3.3 V + 0.7 V = 4.0 V
EQ 3
The internal VCCI clamp diode is only enabled while the device is powered on, so the voltage at the input
will not be clamped if the VCCI or VCCA are powered off. An external series resistor (~100 Ω) is required
between the input pin and the 5 V signal source to limit the current to less than 20 mA (Figure 2-3). The
100 Ω resistor was chosen to meet the input Tr/Tf requirement (Table 2-19 on page 2-21). The GND
clamp diode is available for all I/O standards and always enabled.
2. 5 V tolerance can also be achieved with 3.3 V I/O standards (3.3 V PCI, 3.3 V PCI-X, and LVTTL)
using a bus-switch product (e.g. IDTQS32X2384). This will convert the 5 V signal to a 3.3 V signal
with minimum delay (Figure 2-4).
Simultaneous Switching Outputs (SSO)
When multiple output drivers switch simultaneously, they induce a voltage drop in the chip/package
power distribution. This simultaneous switching momentarily raises the ground voltage within the device
relative to the system ground. This apparent shift in the ground potential to a non-zero value is known as
simultaneous switching noise (SSN) or more commonly, ground bounce.
SSN becomes more of an issue in high pin count packages and when using high performance devices
such as the Axcelerator family. Based upon testing, Microsemi recommends that users not exceed eight
simultaneous switching outputs (SSO) per each VCCI/GND pair. To ease this potential burden on
designers, Microsemi has designed all of the Axcelerator BGAs3 to not exceed this limit with the
exception of the CS180, which has an I/O to VCCI/GND pair ratio of nine to one.
Please refer to the Simultaneous Switching Noise and Signal Integrity application note for more
information.
Figure 2-3 •
Use of an External Resistor for 5 V Tolerance
Figure 2-4 •
Bus Switch IDTQS32X2384
3.
The user should note that in Bank 8 of both AX1000-FG484 and AX500-FG484, there are local violations of this 8:1 ratio.
Non-Microsemi Part
Mirosemi FPGA
5 V
3.3 V
3.3 V
VCCI
clamp
diode
Rext
GND
Clamp
Diode
5 V
3.3 V
3.3 V
20X
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com