Electronic Components Datasheet Search
  English  ▼

X  

AX500 Datasheet(PDF) 32 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 32 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 28Page - Microsemi Corporation AX500 Datasheet HTML 29Page - Microsemi Corporation AX500 Datasheet HTML 30Page - Microsemi Corporation AX500 Datasheet HTML 31Page - Microsemi Corporation AX500 Datasheet HTML 32Page - Microsemi Corporation AX500 Datasheet HTML 33Page - Microsemi Corporation AX500 Datasheet HTML 34Page - Microsemi Corporation AX500 Datasheet HTML 35Page - Microsemi Corporation AX500 Datasheet HTML 36Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 262 page
background image
Detailed Specifications
2- 18
R e v i sio n 1 8
Using the Differential I/O Standards
Differential I/O macros should be instantiated in the netlist. The settings for these I/O standards cannot
be changed inside Designer. Note that there are no tristated or bidirectional I/O buffers for differential
standards.
Using the Voltage-Referenced I/O Standards
Using these I/O standards is similar to that of single-ended I/O standards. Their settings can be changed
in Designer.
Using DDR (Double Data Rate)
In Double Data Rate mode, new data is present on every transition of the clock signal. Clock and data
lines have identical bandwidth and signal integrity requirements, making it very efficient for implementing
very high-speed systems.
To implement a DDR, users need to:
1. Instantiate an input buffer (with the required I/O standard)
2. Instantiate the DDR_REG macro (Figure 2-6)
3. Connect the output from the Input buffer to the input of the DDR macro
Macros for Specific I/O Standards
There are different macro types for any I/O standard or feature that determine the required VCCI and
VREF voltages for an I/O. The generic buffer macros require the LVTTL standard with slow slew rate and
24 mA-drive strength. LVTTL can support high slew rate but this should only be used for critical signals.
Most of the macro symbols represent variations of the six generic symbol types:
•
CLKBUF: Clock Buffer
•
HCLKBUF: Hardwired Clock Buffer
•
INBUF: Input Buffer
•
OUTBUF: Output Buffer
•
TRIBUF: Tristate Buffer
•
BIBUF: Bidirectional Buffer
Other macros include the following:
•
Differential I/O standard macros: The LVDS and LVPECL macros either have a pair of differential
inputs (e.g. INBUF_LVDS) or a pair of differential outputs (e.g. OUTBUF_LVPECL).
•
Pull-up and pull-down variations of the INBUF, BIBUF, and TRIBUF macros. These are available
only with TTL and LVCMOS thresholds. They can be used to model the behavior of the pull-up
and pull-down resistors available in the architecture. Whenever an input pin is left unconnected,
the output pin will either go high or low rather than unknown. This allows users to leave inputs
unconnected without having the negative effect on simulation of propagating unknowns.
•
DDR_REG macro. It can be connected to any I/O standard input buffers (i.e. INBUF) to
implement a double data rate register. Designer software will map it to the I/O module in the same
way it maps the other registers to the I/O module.
Figure 2-6 •
DDR Register
DQR
QF
D
CLR
PSET
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com