Electronic Components Datasheet Search
  English  ▼

X  

AX500 Datasheet(PDF) 100 Page - Microsemi Corporation

Part # AX500
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX500 Datasheet(HTML) 100 Page - Microsemi Corporation

Back Button AX500 Datasheet HTML 96Page - Microsemi Corporation AX500 Datasheet HTML 97Page - Microsemi Corporation AX500 Datasheet HTML 98Page - Microsemi Corporation AX500 Datasheet HTML 99Page - Microsemi Corporation AX500 Datasheet HTML 100Page - Microsemi Corporation AX500 Datasheet HTML 101Page - Microsemi Corporation AX500 Datasheet HTML 102Page - Microsemi Corporation AX500 Datasheet HTML 103Page - Microsemi Corporation AX500 Datasheet HTML 104Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 262 page
background image
Detailed Specifications
2- 86
R e v i sio n 1 8
Embedded Memory
The AX architecture provides extensive, high-speed memory resources to the user. Each 4,608 bit block
of RAM contains its own embedded FIFO controller, allowing the user to configure each block as either
RAM or FIFO.
To meet the needs of high performance designs, the memory blocks operate in synchronous mode for
both read and write operations. However, the read and write clocks are completely independent, and
each may operate up to and above 500 MHz.
No additional core logic resources are required to cascade the address and data buses when cascading
different RAM blocks. Dedicated routing runs along each column of RAM to facilitate cascading.
The AX memory block includes dedicated FIFO control logic to generate internal addresses and external
flag logic (FULL, EMPTY, AFULL, AEMPTY). Since read and write operations can occur asynchronously
to one another, special control circuitry is included to prevent metastability, overflow, and underflow. A
block diagram of the memory module is illustrated in Figure 2-57.
During RAM operation, read (RA) and write (WA) addresses are sourced by user logic and the FIFO
controller is ignored. In FIFO mode, the internal addresses are generated by the FIFO controller and
routed to the RAM array by internal MUXes. Enables with programmable polarity are provided to create
upper address bits for cascading up to 16 memory blocks. When cascading memory blocks, the bussed
signals WA, WD, WEN, RA, RD, and REN are internally linked to eliminate external routing congestion.
Figure 2-57 • Axcelerator Memory Module
RA [K:0]
RD [(N-1):0]
REN
RCLK
WD [(M-1):0]
WA [J:0]
WEN
WCLK
PIPE
RW [2:0]
WW [2:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com