Electronic Components Datasheet Search
  English  ▼

X  

MP24893 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP24893
Description  Step Down White LED Driver with Wide 6V-to-36V Input Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24893 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP24893 Datasheet HTML 1Page - Monolithic Power Systems MP24893 Datasheet HTML 2Page - Monolithic Power Systems MP24893 Datasheet HTML 3Page - Monolithic Power Systems MP24893 Datasheet HTML 4Page - Monolithic Power Systems MP24893 Datasheet HTML 5Page - Monolithic Power Systems MP24893 Datasheet HTML 6Page - Monolithic Power Systems MP24893 Datasheet HTML 7Page - Monolithic Power Systems MP24893 Datasheet HTML 8Page - Monolithic Power Systems MP24893 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP24893 – STEP DOWN WLED DRIVER WITH WIDE 6V-TO-36V INPUT VOLTAGE
MP24893 Rev.1.02
www.MonolithicPower.com
3
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 24V, TA = +25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage
VIN
6
36
V
IN Under-Voltage Lockout
VIN_UVLO VIN Rising
5.3
5.9
V
Under-Voltage Lockout Hysteresis
700
mV
Shutdown Supply Current
ISD
100
120
µA
Quiescent Supply Current
IQ
No Switching
0.7
1
mA
Feedback Reference Voltage Peak
(with respect to VIN)
VIN-VRS
VEN/DIM = 5V
220
230
240
mV
Feedback Reference Voltage Valley
(with respect to VIN)
VIN-VRS
VEN/DIM = 5V
160
170
180
mV
EN/DIM Max. Dimming Voltage
(5)
VDIM_MAX
2.56
V
EN/DIM Min. Dimming Voltage
(5)
VDIM_MIN
0.3
V
EN/DIM Enable High Voltage
VEN_HIGH VEN Rising
0.2
0.25
0.3
V
EN/DIM Enable Hysterisis
VEN_HYS
20
50
80
mV
EN/DIM Pull-Up Resistor
REN
45
kΩ
Internal Reference Voltage
VREF
1.275
V
Switch On Resistance
RDS_ON3
0.2
Ω
Minimum On Time
(5)
tON_MIN
100
ns
Minimum Off Time
(5)
tOFF_MIN
100
ns
Recommended Duty Cycle Range
D
30
70
%
Notes:
5) Guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com