Electronic Components Datasheet Search
  English  ▼

X  

MP24893 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP24893
Description  Step Down White LED Driver with Wide 6V-to-36V Input Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24893 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP24893 Datasheet HTML 1Page - Monolithic Power Systems MP24893 Datasheet HTML 2Page - Monolithic Power Systems MP24893 Datasheet HTML 3Page - Monolithic Power Systems MP24893 Datasheet HTML 4Page - Monolithic Power Systems MP24893 Datasheet HTML 5Page - Monolithic Power Systems MP24893 Datasheet HTML 6Page - Monolithic Power Systems MP24893 Datasheet HTML 7Page - Monolithic Power Systems MP24893 Datasheet HTML 8Page - Monolithic Power Systems MP24893 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP24893 – STEP DOWN WLED DRIVER WITH WIDE 6V-TO-36V INPUT VOLTAGE
MP24893 Rev.1.02
www.MonolithicPower.com
5
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=24V, 3 LEDS in series, IOUT=1A, unless otherwise noted.
VSW
10V/div.
VEN
1V/div.
VIN
10V/div.
IL
500mA/div.
VSW
10V/div.
VEN
1V/div.
VIN
10V/div.
IOUT
1A/div.
VSW
10V/div.
VEN
1V/div.
VPWM
5V/div.
IOUT
500mA/div.
VSW
10V/div.
VLED+
10V/div.
IOUT
500mA/div.
VSW
10V/div.
VLED-
10V/div.
IOUT
500mA/div.
VSW
20V/div.
VEN
1V/div.
VIN
20V/div.
IOUT
1A/div.
Steady State
VIN Startup
VEN Startup
PWM Dimming
fPWM = 200Hz, DPWM = 50%
Open LED Protection
Open LEDs at working
Short LED Protection
Short LEDs at working
90
91
92
93
94
95
15
20
25
30
35
40
INPUT VOLTAGE (V)
Analog Dimming Curve
0
200
400
600
800
1000
1200
0
0.2 0.4 0.6 0.8
1
1.2 1.4
ANALOG DIMMING LEVEL(V)
Efficiency vs.
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com