Electronic Components Datasheet Search
  English  ▼

X  

MP24893 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP24893
Description  Step Down White LED Driver with Wide 6V-to-36V Input Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24893 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP24893 Datasheet HTML 4Page - Monolithic Power Systems MP24893 Datasheet HTML 5Page - Monolithic Power Systems MP24893 Datasheet HTML 6Page - Monolithic Power Systems MP24893 Datasheet HTML 7Page - Monolithic Power Systems MP24893 Datasheet HTML 8Page - Monolithic Power Systems MP24893 Datasheet HTML 9Page - Monolithic Power Systems MP24893 Datasheet HTML 10Page - Monolithic Power Systems MP24893 Datasheet HTML 11Page - Monolithic Power Systems MP24893 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP24893 – STEP DOWN WLED DRIVER WITH WIDE 6V-TO-36V INPUT VOLTAGE
MP24893 Rev.1.02
www.MonolithicPower.com
8
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the LED Current
The LED current is set by the current-setting
resistor between the IN and RS pins, where:
RSET=202mV/ILED
For RSET=0.36Ω, the LED current is set to 550mA
Selecting the Inductor
Lower values of the inductor result in higher
switching frequencies, leading to larger switch
loss. For most applications, select a switching
frequency
between
200kHz
and
600kHz.
Estimate the inductor value based on the desired
switching frequency, where:
OUT
OUT
IN
LED
SW
V
(1-
) V
V
L
0.3 I
f
×
=
××
For higher efficiency, use inductors with low DC
resistance.
Selecting the Diode
The output diode supplies current to the inductor
when the internal MOSFET is off. To reduce
losses due to the diode forward voltage and
recovery time, use a Schottky diode. Select a
diode rated with a reverse voltage greater than
the input voltage. The average current rating
must be exceed the maximum expected load
current, and the peak current rating must exceed
the peak inductor current.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. Select capacitor value
between 10µF and 22µF for most applications.
The voltage rating should exceed the input
voltage.
Use
a
low-ESR
capacitor
input
decoupling.
Selecting the Output Capacitor
For most applications, an output capacitor is not
necessary. But if the peak-to-peak ripple LED
current must be less than 30% of the average
current, add a capacitor across the LEDs, where
a higher capacitor value leads to a proportionally
lower ripple. A 2.2µF capacitor will meet most
requirements.
Selecting Soft-Start Capacitor
The delay time with the soft-start capacitor can
be estimated by 0.2ms/nF. In PWM dimming,
select a C<2.2nF to eliminate its effect on the
average LED current.
Selecting Dimming Control Mode
MP24893 provides two dimming methods: DC
analog dimming and PWM dimming.
1. DC analog dimming mode
Apply a 0.3V-to-2.5V DC voltage to the EN/DIM
pin. The voltage from 0.3V to 2.5V changes the
inductor current reference directly and linearly
controls the inductor current range from 25% to
200% (see Figure 2).
EN/DIM
EN/DIM
GND
MP24893
VIN
IN
TP4
R6
0
C5
1nF
Figure 2: Analog Dimming External Circuit
2. PWM dimming mode
Apply a 100Hz-to-2kHz square waveform to the
EN/DIM pin. The average LED current is
proportional to the PWM duty cycle. Add an NPN-
transistor on/off circuit to separate the PWM
signal from the current reference (see Figure 3)
because this pin is pulled up by the 1.25V
internal source as the inductor current reference.
The minimum PWM amplitude is 1.5V.
EN/DIM
GND
MP24893
VIN
IN
EN/DIM
TP4
R6
NC
R4
1k
Q1
R5
NS
C5
82pF
Figure 3: PWM Dimming External Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com