Electronic Components Datasheet Search
  English  ▼

X  

MP24893 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP24893
Description  Step Down White LED Driver with Wide 6V-to-36V Input Voltage
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24893 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP24893 Datasheet HTML 3Page - Monolithic Power Systems MP24893 Datasheet HTML 4Page - Monolithic Power Systems MP24893 Datasheet HTML 5Page - Monolithic Power Systems MP24893 Datasheet HTML 6Page - Monolithic Power Systems MP24893 Datasheet HTML 7Page - Monolithic Power Systems MP24893 Datasheet HTML 8Page - Monolithic Power Systems MP24893 Datasheet HTML 9Page - Monolithic Power Systems MP24893 Datasheet HTML 10Page - Monolithic Power Systems MP24893 Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MP24893 – STEP DOWN WLED DRIVER WITH WIDE 6V-TO-36V INPUT VOLTAGE
MP24893 Rev.1.02
www.MonolithicPower.com
7
12/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
Steady State
The MP24893 is a hysteretic-controlled, step-
down LED driver that is easily configured for
various applications with an input range from 6V
to 36V. The converter employs a high-side
current-sense resistor to detect and regulate the
LED current. The voltage across the current-
sense resistor is measured and regulated to
within 202mV±30mV.
The internal 1.275V reference voltage provides a
0.2V reference to enable the part and a 1.275V
pull-up voltage as current reference. When
VEN>0.2V, the output of the comparator goes high
and the other blocks are enabled.
A high-side resistor, RSENSE, senses the output
current. When the switch is on, R2 is shorted and
R1 sets the output current upper-threshold.
When the switch is off, R1 and R2 set the output
current lower-threshold, and the ratio of R1 and
R2 determines the current hysteresis.
Enable Control
Once Input voltage is applied, the internal 1.275V
reference is connected to EN/DIM pin through
pull up resistor. If the EN/DIM pin is left open, the
IC will automatically start up to the maximum
brightness. Adding a capacitor to this pin can
hereby program a soft-start time.
Applying an external voltage range from 0.2V to
1.25V to the EN/DIM pin linearly controls the
current-sense voltage reference from 0mV to
202mV for analog dimming.
Applying an external PWM voltage with an
amplitude of 1.25V to the EN/DIM pin achieves
PWM dimming. For additional information on the
flexible external PWM dimming method, please
refer to the “Selecting Dimming Control Mode”
section.
System Soft Start
The voltage on the EN/DIM pin is the inductor
current reference. An external capacitor from the
EN/DIM pin to ground provides a soft-start delay.
When VIN starts, internal voltage source charges
the capacitor from 0V to 1.25V for soft-start.
Dimming Control
MP24893 provides two dimming methods: PWM
dimming and DC analog dimming.
To use PWM dimming, apply a square wave to
the EN/DIM pin. To use analog dimming, apply a
0.3V-to-2.5V DC voltage to this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com