Electronic Components Datasheet Search
  English  ▼

X  

MP24943 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP24943
Description  3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24943 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP24943 Datasheet HTML 1Page - Monolithic Power Systems MP24943 Datasheet HTML 2Page - Monolithic Power Systems MP24943 Datasheet HTML 3Page - Monolithic Power Systems MP24943 Datasheet HTML 4Page - Monolithic Power Systems MP24943 Datasheet HTML 5Page - Monolithic Power Systems MP24943 Datasheet HTML 6Page - Monolithic Power Systems MP24943 Datasheet HTML 7Page - Monolithic Power Systems MP24943 Datasheet HTML 8Page - Monolithic Power Systems MP24943 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP24943 –3A, 55V, 100kHz STEP-DOWN CONVERTER
MP24943 Rev. 0.83
www.MonolithicPower.com
4
12/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
1
VIN
Supply Voltage. Unregulated input can range from 4.5V to 55V. Input capacitor (CIN)
required to decouple input. Provides drain for internal power device and power supply.
2
GND,
Exposed
Pad
Ground. Voltage reference for the regulated output voltage. Layout requires special
attention: this node must be placed outside of the D1-to-CIN ground path to prevent
current spikes from inducing voltage noise. Connect exposed pad to GND plane for
optimal thermal performance.
3
EN
Enable Input. Pull this pin below the specified threshold to shut the chip down. Pull it
above the specified threshold enables the chip.
4
FB
Feedback. Use an external resistor divider from VOUT to GND tapped to the FB pin to set
the output voltage.
5
SS
Soft-Start. Connect to an external capacitor for Soft-Start.
6
VO
Output Over-Voltage Protection. Connect VO to the tap of an external resistor divider
from VOUT to GND. The OVP reference is 0.9V.
7
BST
Bootstrap. Requires a capacitor to drive the power switch’s gate above the supply
voltage. Connect this capacitor between SW and BST pins to form a floating supply
across the power switch driver. An on-chip regulator charges up the bootstrap
capacitor. If the on-chip regulator is not strong enough, one optional diode can be
connected from VIN or VOUT to charge the external boot-strap capacitor.
8
SW
Switch Output. Output supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com