Electronic Components Datasheet Search
  English  ▼

X  

MP24943 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP24943
Description  3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP24943 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP24943 Datasheet HTML 1Page - Monolithic Power Systems MP24943 Datasheet HTML 2Page - Monolithic Power Systems MP24943 Datasheet HTML 3Page - Monolithic Power Systems MP24943 Datasheet HTML 4Page - Monolithic Power Systems MP24943 Datasheet HTML 5Page - Monolithic Power Systems MP24943 Datasheet HTML 6Page - Monolithic Power Systems MP24943 Datasheet HTML 7Page - Monolithic Power Systems MP24943 Datasheet HTML 8Page - Monolithic Power Systems MP24943 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP24943 –3A, 55V, 100kHz STEP-DOWN CONVERTER
MP24943 Rev. 0.83
www.MonolithicPower.com
5
12/11/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VIN=12V
Current Limit vs.
Temperature
Frequency vs.
Temperature
VBST vs. Temperature
Quiescent Current vs.
Temperature
VOVREF vs. Temperature
VFB vs. Temperature
0.8025
0.803
0.8035
0.804
0.8045
0.805
-50
-20
10
40
70
100 130
-50
-20
10
40
70
100 130
-50
-20
10
40
70
100 130
-50
-20
10
40
70
100 130
oC)
5
5.5
6
6.5
7
7.5
8
-50
-20
10
40
70
100 130
oC)
-50
-20
10
40
70
100 130
98
100
102
104
106
108
110
0.91
0.915
0.92
0.925
0.93
0.935
0.94
4.4
4.425
4.45
4.475
4.5
4.525
4.55
4.575
4.6
550
560
570
580
590
600
610
620
630
640
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com